Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 29Page - Texas Instruments PCM1795DB Datasheet HTML 30Page - Texas Instruments PCM1795DB Datasheet HTML 31Page - Texas Instruments PCM1795DB Datasheet HTML 32Page - Texas Instruments PCM1795DB Datasheet HTML 33Page - Texas Instruments PCM1795DB Datasheet HTML 34Page - Texas Instruments PCM1795DB Datasheet HTML 35Page - Texas Instruments PCM1795DB Datasheet HTML 36Page - Texas Instruments PCM1795DB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
DFTH: Digital Filter Bypass (or Through Mode) Control
This bit is available for read and write.
Default value: 0
DFTH
Digital Filter Control
DFTH = 0
Digital filter enabled (default)
DFTH = 1
Digital filter bypassed for external digital filter
The DFTH bit is used to enable or disable the external digital filter interface mode.
MONO: Monaural Mode Selection
This bit is available for read and write.
Default value: 0
MONO
Mode Selection
MONO = 0
Stereo mode (default)
MONO = 1
Monaural mode
The MONO function is used to change operation mode from the normal stereo mode to the monaural mode.
When the monaural mode is selected, both DACs operate in a balanced mode for one channel of audio input
data. Channel selection is available for left-channel or right-channel data, determined by the CHSL bit.
CHSL: Channel Selection for Monaural Mode
This bit is available for read and write.
Default value: 0
CHSL
Channel Selection
CHSL = 0
Left channel selected (default)
CHSL = 1
Right channel selected
This bit is available when MONO = 1.
The CHSL bit selects left-channel or right-channel data to be used in monaural mode.
OS[1:0]:
ΔΣ Oversampling Rate Selection
These bits are available for read and write.
Default value: 00
OS[1:0]
Operating Speed Selection
00
64 times fS (default)
01
32 times fS
10
128 times fS
11
Reserved
The OS bits are used to change the oversampling rate of
ΔΣ modulation. Use of this function enables the
designer to stabilize the conditions at the post low-pass filter for different sampling rates. As an application
example, programming to set 128 times in 44.1-kHz operation, 64 times in 96-kHz operation, or 32 times in
192-kHz operation allows the use of only a single type (cut-off frequency) of post low-pass filter. The 128-fS
oversampling rate is not available at sampling rates above 100 kHz. If the 128-fS oversampling rate is selected, a
system clock of more than 256 fS is required.
In DSD mode, these bits are used to select the speed of the bit clock for DSD data coming into the analog FIR
filter.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com