Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 11Page - Texas Instruments PCM1795DB Datasheet HTML 12Page - Texas Instruments PCM1795DB Datasheet HTML 13Page - Texas Instruments PCM1795DB Datasheet HTML 14Page - Texas Instruments PCM1795DB Datasheet HTML 15Page - Texas Instruments PCM1795DB Datasheet HTML 16Page - Texas Instruments PCM1795DB Datasheet HTML 17Page - Texas Instruments PCM1795DB Datasheet HTML 18Page - Texas Instruments PCM1795DB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
TYPICAL CHARACTERISTICS: ANALOG FIR FILTER PERFORMANCE IN DSD MODE
0
1
2
3
4
5
6
-
-
-
-
-
-
Frequency(kHz)
0
100
200
50
150
DSDFilter-1
LowBandwidth
0
10
20
30
40
50
60
-
-
-
-
-
-
Frequency(Hz)
0
1M
1.5M
500k
DSDFilter-1
HighBandwidth
f =185kHz
Gain= 6.6dB
C
-
0
1
2
3
4
5
6
-
-
-
-
-
-
Frequency(kHz)
0
100
200
50
150
DSDFilter-2
LowBandwidth
0
10
20
30
40
50
60
-
-
-
-
-
-
Frequency(Hz)
0
1M
1.5M
500k
DSDFilter-2
HighBandwidth
f =90kHz
Gain=0.3dB
C
0
1
2
3
4
5
6
-
-
-
-
-
-
Frequency(kHz)
0
100
200
50
150
DSDFilter-3
LowBandwidth
0
10
20
30
40
50
60
-
-
-
-
-
-
Frequency(Hz)
0
1M
1.5M
500k
DSDFilter-3
HighBandwidth
f =85kHz
Gain= 1.5dB
C
-
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
All specifications at DBCK = 2.8224 MHz (44.1 kHz × 64 fS), and 50% modulation DSD data input, unless otherwise noted.
GAIN vs FREQUENCY
GAIN vs FREQUENCY(1)
Figure 26.
Figure 27.
GAIN vs FREQUENCY
GAIN vs FREQUENCY
Figure 28.
Figure 29.
GAIN vs FREQUENCY
GAIN vs FREQUENCY
Figure 30.
Figure 31.
(1)
This gain is in comparison to PCM 0 dB, when the DSD input signal efficiency is 50%.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com