Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 38Page - Texas Instruments PCM1795DB Datasheet HTML 39Page - Texas Instruments PCM1795DB Datasheet HTML 40Page - Texas Instruments PCM1795DB Datasheet HTML 41Page - Texas Instruments PCM1795DB Datasheet HTML 42Page - Texas Instruments PCM1795DB Datasheet HTML 43Page - Texas Instruments PCM1795DB Datasheet HTML 44Page - Texas Instruments PCM1795DB Datasheet HTML 45Page - Texas Instruments PCM1795DB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
FUNCTIONS AVAILABLE IN THE EXTERNAL DIGITAL FILTER MODE
FMT[2:0]: Audio Data Format Selection
OS[1:0]:
ΔΣ Modulator Oversampling Rate Selection
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
The external digital filter mode is selected by setting DSD = 0 (register 20, B5) and DFTH = 1 (register 20, B4).
The external digital filter mode allows access to the majority of the PCM1795 mode control functions.
Table 12 shows the register mapping available when the external digital filter mode is selected, along with
descriptions of functions that are modified when using this mode selection.
Table 12. External Digital Filter Register Map
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
X(1)
X
X
X
X
X
X
X
Register 17
R/W
0
0
1
0
0
0
1
X
X
X
X
X
X
X
X
Register 18
R/W
0
0
1
0
0
1
0
X
FMT2
FMT1
FMT0
X
X
X
X
Register 19
R/W
0
0
1
0
0
1
1
REV
X
X
OPE
X
DFMS
X
INZD
Register 20
R/W
0
0
1
0
1
0
0
X
SRST
0
1
MONO
CHSL
OS1
OS0
Register 21
R/W
0
0
1
0
1
0
1
X
X
X
X
X
X
X
PCMZ
Register 22
R
0
0
1
0
1
1
0
X
X
X
X
X
X
ZFGR
ZFGL
(1)
Function is disabled. No operation even if data bit is set.
Default value: 000
FMT[2:0]
Audio Data Format Selection
000
16-bit right-justified format
001
32-bit right-justified format
010
24-bit right-justified format (default)
Other
N/A
Default value: 00
OS[1:0]
Operation Speed Selection
00
8 times WDCK (default)
01
4 times WDCK
10
16 times WDCK
11
Reserved
The effective oversampling rate is determined by the oversampling performed by both the external digital filter
and the
ΔΣ modulator. For example, if the external digital filter is 8× oversampling, and OS[1:0] = 00 is selected,
then the
ΔΣ modulator oversamples by 8×, resulting in an effective oversampling rate of 64×. The 16× WDCK
oversampling rate is not available above a 100-kHz sampling rate. If the oversampling rate selected is 16×
WDCK, the system clock frequency must be over 256 fS.
42
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com