Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 3Page - Texas Instruments PCM1795DB Datasheet HTML 4Page - Texas Instruments PCM1795DB Datasheet HTML 5Page - Texas Instruments PCM1795DB Datasheet HTML 6Page - Texas Instruments PCM1795DB Datasheet HTML 7Page - Texas Instruments PCM1795DB Datasheet HTML 8Page - Texas Instruments PCM1795DB Datasheet HTML 9Page - Texas Instruments PCM1795DB Datasheet HTML 10Page - Texas Instruments PCM1795DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
PIN CONFIGURATION
ZEROL
ZEROR
MSEL
LRCK
DATA
BCK
SCL
DGND
V
DD
MS
MDI
MC
MDO
RST
V
2L
CC
AGND3L
I
L-
OUT
I
L+
OUT
AGND2
V
1
CC
V
L
COM
V
R
COM
I
REF
AGND1
I
R-
OUT
I
R+
OUT
AGND3R
V
2R
CC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
DB PACKAGE
SSOP-28
(TOP VIEW)
Table 1. TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
AGND1
19
—
Analog ground (internal bias)
AGND2
24
—
Analog ground (internal bias)
AGND3L
27
—
Analog ground (left channel DACFF)
AGND3R
16
—
Analog ground (right channel DACFF)
BCK
6
I
Bit clock input(1)
DATA
5
I
Serial audio data input(2)
DGND
8
—
Digital ground
IOUTL+
25
O
Left channel analog current output+
IOUTL–
26
O
Left channel analog current output–
IOUTR+
17
O
Right channel analog current output+
IOUTR–
18
O
Right channel analog current output–
IREF
20
—
Output current reference bias pin
LRCK
4
I
Left and right clock (fS) input
(2)
MC
12
I
Mode control clock input(2)
MDI
11
I
Mode control data input(2)
MDO
13
I/O
Mode control readback data output(3)
MS
10
I/OI
Mode control chip-select input(4); active low
MSEL
3
I
I2C/SPI select(2); active low SPI select
RST
14
I
Reset(2); active low
(1)
Schmitt-trigger input, 5-V tolerant.
(2)
Schmitt-trigger input, 5-V tolerant.
(3)
Schmitt-trigger input and output. 5-V tolerant input. In I2C mode, this pin becomes an open-drain 3-state output; otherwise, this pin is a
CMOS output.
(4)
Schmitt-trigger input and output. 5-V tolerant input and CMOS output.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com