Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 48Page - Texas Instruments PCM1795DB Datasheet HTML 49Page - Texas Instruments PCM1795DB Datasheet HTML 50Page - Texas Instruments PCM1795DB Datasheet HTML 51Page - Texas Instruments PCM1795DB Datasheet HTML 52Page - Texas Instruments PCM1795DB Datasheet HTML 53Page - Texas Instruments PCM1795DB Datasheet HTML 54Page - Texas Instruments PCM1795DB Datasheet HTML 55Page - Texas Instruments PCM1795DB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
CommandPacket
LRCK
BCK
DI
DCO1
DCO2
DIDEMD
t
(COE)
BCK
LRCK
DI
DCI
DO
DCO
t
(DS)
t
(BL)
t
(LB)
t
(BCY)
t
(DS)
t
(DOE)
t
(DH)
t
(DH)
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
Figure 73. DCO Output Timing with Skip Operation (for Command Packet 1)
Figure 74. AC Timing of Daisy-Chain Signals
Table 16. Timing Characteristics for Figure 74
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
20
ns
t(LB)
LRCK setup time
0
ns
t(BL)
LRCK hold time
3
ns
t(DS)
DI setup time
0
ns
t(DH)
DI hold time
3
ns
t(DS)
DCI setup time
0
ns
t(DH)
DCI hold time
3
ns
t(DOE)
DO output delay(1)
8
ns
t(COE)
DCO output delay(1)
6
ns
(1)
Load capacitance is 10 pF.
52
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com