Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 27Page - Texas Instruments PCM1795DB Datasheet HTML 28Page - Texas Instruments PCM1795DB Datasheet HTML 29Page - Texas Instruments PCM1795DB Datasheet HTML 30Page - Texas Instruments PCM1795DB Datasheet HTML 31Page - Texas Instruments PCM1795DB Datasheet HTML 32Page - Texas Instruments PCM1795DB Datasheet HTML 33Page - Texas Instruments PCM1795DB Datasheet HTML 34Page - Texas Instruments PCM1795DB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
REV: Output Phase Reversal
This bit is available for read and write.
Default value: 0
REV
Output Setting
REV = 0
Normal output (default)
REV = 1
Inverted output
The REV bit is used to invert the output phase for both channels.
ATS[1:0]: Attenuation Rate Select
These bits are available for read and write.
Default value: 00
ATS[1:0]
Attenuation Rate Selection
00
Every LRCK (default)
01
LRCK/2
10
LRCK/4
11
LRCK/8
The ATS[1:0] bits are used to select the rate at which the attenuator is decremented/incremented during level
transitions.
OPE: DAC Operation Control
This bit is available for read and write.
Default value: 0
OPE
DAC Operation Control
OPE = 0
DAC operation enabled (default)
OPE = 1
DAC operation disabled
The OPE bit is used to enable or disable the analog output for both channels. Disabling the analog outputs
forces them to the bipolar zero level (BPZ) even if audio data are present on the input.
DFMS: Stereo DF Bypass Mode Select
This bit is available for read and write.
Default value: 0
DFMS
Mode Selection
DFMS = 0
Monaural (default)
DFMS = 1
Stereo input enabled
The DFMS bit is used to enable stereo operation in DF bypass mode. In the DF bypass mode, when DFMS is
set to '0', the pin for the input data are DATA (pin 5) only; therefore, the PCM1795 operates as a monaural DAC.
When DFMS is set to '1', the PCM1795 can operate as a stereo DAC with inputs of the left channel and right
channel data on ZEROL (pin 1) and ZEROR (pin 2), respectively.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com