Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 26Page - Texas Instruments PCM1795DB Datasheet HTML 27Page - Texas Instruments PCM1795DB Datasheet HTML 28Page - Texas Instruments PCM1795DB Datasheet HTML 29Page - Texas Instruments PCM1795DB Datasheet HTML 30Page - Texas Instruments PCM1795DB Datasheet HTML 31Page - Texas Instruments PCM1795DB Datasheet HTML 32Page - Texas Instruments PCM1795DB Datasheet HTML 33Page - Texas Instruments PCM1795DB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Register 19
R/W
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
RSV
DMFS
FLT
INZD
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
The FMT[2:0] bits are used to select the data format for the serial audio interface.
For the external digital filter interface mode (DFTH mode), this register is operated as shown in the Application
for External Digital Filter Interface section.
DMF[1:0]: Sampling Frequency Selection for the De-Emphasis Function
These bits are available for read and write.
Default value: 00
DMF[1:0]
De-Emphasis Sampling Frequency Selection
00
Disabled (default)
01
48 kHz
10
44.1 kHz
11
32 kHz
The DMF[1:0] bits are used to select the sampling frequency used by the digital de-emphasis function when it is
enabled by setting the DME bit. The de-emphasis curves are shown in the Typical Characteristics section.
For the DSD mode, analog FIR filter performance can be selected using this register. A register map and filter
response plots are shown in the Application For DSD Format (DSD Mode) Interface section.
DME: Digital De-Emphasis Control
This bit is available for read and write.
Default value: 0
DME
De-Emphasis Setting
DME = 0
De-emphasis disabled (default)
DME = 1
De-emphasis enabled
The DME bit is used to enable or disable the de-emphasis function for both channels.
MUTE: Soft Mute Control
This bit is available for read and write.
Default value: 0
MUTE
Soft Mute Setting
MUTE = 0
Soft mute disabled (default)
MUTE = 1
Soft mute enabled
The MUTE bit is used to enable or disable the soft mute function for both channels.
Soft mute is operated as a 256-step attenuator. The speed for each step to –
∞ dB (mute) is determined by the
attenuation rate selected in the ATS register.
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com