Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 44Page - Texas Instruments PCM1795DB Datasheet HTML 45Page - Texas Instruments PCM1795DB Datasheet HTML 46Page - Texas Instruments PCM1795DB Datasheet HTML 47Page - Texas Instruments PCM1795DB Datasheet HTML 48Page - Texas Instruments PCM1795DB Datasheet HTML 49Page - Texas Instruments PCM1795DB Datasheet HTML 50Page - Texas Instruments PCM1795DB Datasheet HTML 51Page - Texas Instruments PCM1795DB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
58BCKs
CommandField
DID
LRCK
BCK
DI
DCO1,
DCI2
DeviceID=1
DeviceID=2
DCO1
DCO2,
DCI3
DCO29,
DCI30
DeviceID=3
DeviceID=30
TDMCA Frame
LRCK
BCK
DI
CMD
EMD
EMD
EMD
CMD
Don’t
Care
EMD
EMD
DO
Ch1
Ch(m)
Ch2
CMD
CMD
Ch2
Ch3
Ch(n)
CMD
Ch1
Ch4
DI
Ch3
Ch4
[ForInitialization]
[ForOperation]
32Bits
DO
CMD
CMD
CMD
CMD
CMD
CMD
1/f
S
Don’t
Care
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
Figure 64. Device ID Determination Sequence
In general, the TDMCA frame consists of the command field, extended command (EMD) field, and audio data
fields. All fields are 32 bits in length, but the lowest byte has no meaning. The MSB is transferred first for each
field. The command field is always transferred as the first packet of the frame. The EMD field is transferred if the
EMD flag of the command field is high. If any EMD packets are transferred, no audio data follow the EMD
packets. This frame is for quick system initialization. All devices of a daisy-chain should respond to the command
field and extended command field. The PCM1795 has two audio channels that can be selected by OPE (register
19). If the OPE bit is not set to high, those audio channels are transferred. Figure 65 shows the general TDMCA
frame. If some DACs are enabled, but corresponding audio data packets are not transferred, the analog outputs
are unpredictable.
Figure 65. General TDMCA Frame
48
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com