Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 3 Page - Texas Instruments

  PCM1795DB Datasheet HTML 1Page - Texas Instruments PCM1795DB Datasheet HTML 2Page - Texas Instruments PCM1795DB Datasheet HTML 3Page - Texas Instruments PCM1795DB Datasheet HTML 4Page - Texas Instruments PCM1795DB Datasheet HTML 5Page - Texas Instruments PCM1795DB Datasheet HTML 6Page - Texas Instruments PCM1795DB Datasheet HTML 7Page - Texas Instruments PCM1795DB Datasheet HTML 8Page - Texas Instruments PCM1795DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
ELECTRICAL CHARACTERISTICS
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
All specifications at TA = +25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 32-bit
data, unless otherwise noted.
PCM1795 DB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
32
Bits
DATA FORMAT (PCM Mode)
Audio data interface format
Standard, I2S, left-justified
Audio data bit length
16-, 24-, 32-bit selectable
Audio data format
MSB first, twos complement
fS
Sampling frequency
10
200
kHz
System clock frequency
128, 192, 256, 384, 512, 768
fS
DATA FORMAT (DSD Mode)
Audio data interface format
DSD (direct stream digital)
Audio data bit length
1
Bit
fS
Sampling frequency
2.8224
MHz
System clock frequency
2.8224
11.2986
MHz
DIGITAL INPUT/OUTPUT
TTL
Logic family
compatible
VIH
2
VDC
Input logic level
VIL
0.8
VDC
IIH
VIN = VDD
10
µA
Input logic current
IIL
VIN = 0 V
–10
µA
VOH
IOH = –2 mA
2.4
VDC
Output logic level
VOL
IOL = 2 mA
0.4
VDC
DYNAMIC PERFORMANCE (PCM MODE)(1)(2)
fS = 48 kHz
0.0005
0.001
%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001
%
fS = 192 kHz
0.0015
%
EIAJ, A-weighted, fS = 48 kHz
120
123
dB
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
123
dB
EIAJ, A-weighted, fS = 192 kHz
123
dB
EIAJ, A-weighted, fS = 48 kHz
120
123
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
123
dB
EIAJ, A-weighted, fS = 192 kHz
123
dB
fS = 48 kHz
116
119
dB
Channel separation
fS = 96 kHz
118
dB
fS = 192 kHz
117
dB
Level linearity error
VOUT = –120 dB
±1
dB
(1)
Filter condition:
THD+N: 20-Hz high-pass filter (HPF), 20-kHz AES17 low-pass filter (LPF)
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two™ Cascade audio measurement system by Audio Precision™ in
the averaging mode.
(2)
Dynamic performance and dc accuracy are specified at the output of the post-amplifier as shown in Figure 52.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com