Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 45Page - Texas Instruments PCM1795DB Datasheet HTML 46Page - Texas Instruments PCM1795DB Datasheet HTML 47Page - Texas Instruments PCM1795DB Datasheet HTML 48Page - Texas Instruments PCM1795DB Datasheet HTML 49Page - Texas Instruments PCM1795DB Datasheet HTML 50Page - Texas Instruments PCM1795DB Datasheet HTML 51Page - Texas Instruments PCM1795DB Datasheet HTML 52Page - Texas Instruments PCM1795DB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
LRCK
BCK
DI
Don’t
Care
Ch1
Ch2
Ch3
Ch1
Ch4
INandOUTChannelOrdersareCompletelyIndependent
DO
7Packets
32Bits
´
Ch5
Ch6
1/f (256BCKClocks)
S
Ch2
CMD
CMD
CMD
Command Field
31
Command
30
29
23
28
24
22
15
7
16
8
0
DID
EMD
DCS
R/W
DeviceID
RegisterID
Data
NotUsed
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
Figure 66. TDMCA Frame Example of Six-Channel DAC and Two-Channel ADC With Command Read
The normal command field is defined as shown in Figure 67. When the DID bit (MSB) is '1', this frame is used
only for device ID determination, and all remaining bits in the field are ignored.
Figure 67. Normal Command Field
Bit 31: Device ID enable flag
The PCM1795 operates to get its own device ID for TDMCA initialization if this bit is high.
Bit 30: Extended command enable flag
The EMD packet is transferred if this bit is high; otherwise, it is skipped. Once this bit is high, this frame does not
contain any audio data. This is for system initialization.
Bit 29: Daisy-chain selection flag
A high setting designates OUT-chain devices, low designates IN-chain devices. The PCM1795 is an IN device,
so the DCS bit must be set low.
Bits[28:24]: Device ID
The device ID is five bits in length and it can be defined. These bits identify the order of a device in the IN or
OUT daisy-chain. The top of the daisy-chain defines device ID 1 and successive devices are numbered 2, 3, 4,
etc. All devices for which the DCI is fixed high are also defined as ID 1. The maximum device ID is 30 each in
the IN and OUT chains. If a device ID of 0x1F is used, all devices are selected as broadcast when in the write
mode. If a device ID of 0x00 is used, no device is selected.
Bit 23: Command Read/Write flag
If this bit is high, the command is a read operation.
Bits[22:16]: Register ID
The register ID is seven bits in length.
Bits[15:8]: Command data
The command data are eight bits in length. Any valid data can be chosen for each register.
Bits[7:0]: Not used
These bits are never transported when a read operation is performed.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com