Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 32Page - Texas Instruments PCM1795DB Datasheet HTML 33Page - Texas Instruments PCM1795DB Datasheet HTML 34Page - Texas Instruments PCM1795DB Datasheet HTML 35Page - Texas Instruments PCM1795DB Datasheet HTML 36Page - Texas Instruments PCM1795DB Datasheet HTML 37Page - Texas Instruments PCM1795DB Datasheet HTML 38Page - Texas Instruments PCM1795DB Datasheet HTML 39Page - Texas Instruments PCM1795DB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
APPLICATION CIRCUIT
I/V Section
Differential Section
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
The design of the application circuit is very important in order to actually realize the high S/N ratio of which the
PCM1795 is capable, because noise and distortion that are generated in an application circuit are not negligible.
In the third-order, low-pass filter (LPF) circuit of Figure 52, the output level of 2.1 V RMS and 123-dB
signal-to-noise ratio is achieved.
Figure 53 shows a circuit for the DSD mode, which is a fourth-order LPF in order to reduce the out-of-band
noise.
The current of the PCM1795 on each of the output pins (IOUTL+, IOUTL–, IOUTR+, IOUTR–) is 4 mAPP at 0 dB
(full-scale). The voltage output level of the current-to-voltage (I/V) converter, VI, is given by Equation 2:
VI = 4 mAPP × RF
Where:
RF = feedback resistance of the I/V converter
An NE5534 operational amplifier is recommended for the I/V circuit to obtain the specified performance. Dynamic
performance such as the gain bandwidth, settling time, and slew rate of the operational amplifier affects the
audio dynamic performance of the I/V section.
The PCM1795 voltage outputs are followed by differential amplifier stages that sum the differential signals for
each channel, creating a single-ended I/V op-amp output. In addition, the differential amplifiers provide a
low-pass filter function.
The operational amplifier recommended for the differential circuit is the low-noise type.
36
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com