Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 31Page - Texas Instruments PCM1795DB Datasheet HTML 32Page - Texas Instruments PCM1795DB Datasheet HTML 33Page - Texas Instruments PCM1795DB Datasheet HTML 34Page - Texas Instruments PCM1795DB Datasheet HTML 35Page - Texas Instruments PCM1795DB Datasheet HTML 36Page - Texas Instruments PCM1795DB Datasheet HTML 37Page - Texas Instruments PCM1795DB Datasheet HTML 38Page - Texas Instruments PCM1795DB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Register 23
R
0
0
1
0
1
1
1
RSV
RSV
RSV
ID4
ID3
ID2
ID1
ID0
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
APPLICATION INFORMATION
TYPICAL CONNECTION DIAGRAM IN PCM MODE
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1796
BCK
SCK
DGND
V
DD
MS
MDI
MC
MDO
RST
AGND2
I
R–
OUT
V
1
CC
V
L
COM
V
R
COM
I
REF
I
R+
OUT
AGND3R
AGND1
–
+
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
28
27
26
25
V
2L
CC
AGND3L
I
L–
OUT
I
L+
OUT
V
LeftChannel
OUT
5V
V
2R
CC
0.1 F
m
Controller
10 F
m
3.3V
PCM
Audio
Data
Source
0.1 F
m
10 F
m
C
F
R
F
Differential-
to-Single
Converter
With
Low-Pass
Filter
47 F
m
5V
10 F
m
10kW
–
+
C
F
R
F
–
+
V
RightChannel
OUT
C
F
R
F
–
+
C
F
R
F
0.1 F
m
10 F
m
5V
+
+
Differential-
to-Single
Converter
With
Low-Pass
Filter
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
Read Mode Select
Value is always '1', specifying the readback mode.
ID[4:0]: Device ID
The ID[4:0] bits hold a device ID in the TDMCA mode.
Figure 51 shows a typical application circuit for PCM mode operation.
Figure 51. Typical Application Circuit for Standard PCM Audio Operation
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com