Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 5Page - Texas Instruments PCM1795DB Datasheet HTML 6Page - Texas Instruments PCM1795DB Datasheet HTML 7Page - Texas Instruments PCM1795DB Datasheet HTML 8Page - Texas Instruments PCM1795DB Datasheet HTML 9Page - Texas Instruments PCM1795DB Datasheet HTML 10Page - Texas Instruments PCM1795DB Datasheet HTML 11Page - Texas Instruments PCM1795DB Datasheet HTML 12Page - Texas Instruments PCM1795DB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
TIMING CHARACTERISTICS
SDA
SCL
t
(BUF)
t
(D-SU)
t
(D-HD)
Start
t
(LOW)
t
(S-HD)
t
(SCL-F)
t
(SCL-R)
t
(HI)
RepeatedStart
t
(RS-SU)
t
(RS-HD)
t
(SDA-F)
t
(SDA-R)
t
(P-SU)
Stop
t
(SP)
TIMING REQUIREMENTS
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
Figure 1. Timing Definition on the I2C Bus
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Standard
100
kHz
f(SCL)
SCL clock frequency
Fast
400
kHz
Standard
4.7
µs
t(BUF)
Bus free time between stop and start conditions
Fast
1.3
µs
Standard
4.7
µs
t(LOW)
Low period of the SCL clock
Fast
1.3
µs
Standard
4
µs
t(HI)
High period of the SCL clock
Fast
600
ns
Standard
4.7
µs
t(RS-SU)
Setup time for (repeated) start condition
Fast
600
ns
t(S-HD)
Standard
4
µs
Hold time for (repeated) start condition
t(RS-HD)
Fast
600
ns
Standard
250
ns
t(D-SU)
Data setup time
Fast
100
ns
Standard
0
900
ns
t(D-HD)
Data hold time
Fast
0
900
ns
Standard
20 + 0.1 CB
1000
ns
t(SCL-R)
Rise time of SCL signal
Fast
20 + 0.1 CB
300
ns
Standard
20 + 0.1 CB
1000
ns
Rise time of SCL signal after a repeated start condition
t(SCL-R1)
and after an acknowledge bit
Fast
20 + 0.1 CB
300
ns
Standard
20 + 0.1 CB
1000
ns
t(SCL-F)
Fall time of SCL signal
Fast
20 + 0.1 CB
300
ns
Standard
20 + 0.1 CB
1000
ns
t(SDA-R)
Rise time of SDA signal
Fast
20 + 0.1 CB
300
ns
Standard
20 + 0.1 CB
1000
ns
t(SDA-F)
Fall time of SDA signal
Fast
20 + 0.1 CB
300
ns
Standard
4
µs
t(P-SU)
Setup time for stop condition
Fast
600
ns
C(B)
Capacitive load for SDA and SCL line
400
pF
t(SP)
Pulse duration of suppressed spike
Fast
50
ns
Noise margin at high level for each connected device
VNH
0.2 VDD
V
(including hysteresis)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com