Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 1 Page - Texas Instruments

  PCM1795DB Datasheet HTML 1Page - Texas Instruments PCM1795DB Datasheet HTML 2Page - Texas Instruments PCM1795DB Datasheet HTML 3Page - Texas Instruments PCM1795DB Datasheet HTML 4Page - Texas Instruments PCM1795DB Datasheet HTML 5Page - Texas Instruments PCM1795DB Datasheet HTML 6Page - Texas Instruments PCM1795DB Datasheet HTML 7Page - Texas Instruments PCM1795DB Datasheet HTML 8Page - Texas Instruments PCM1795DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
32-Bit, 192-kHz Sampling, Advanced Segment,
Stereo Audio Digital-to-Analog Converter
• A/V Receivers
234567
• 32-Bit Resolution
• SACD Players
• Analog Performance:
• DVD Players
–
Dynamic Range: 123 dB
• HDTV Receivers
–
THD+N: 0.0005%
• Car Audio Systems
• Differential Current Output: 3.9 mA
PP
• Digital Multitrack Recorders
• 8× Oversampling Digital Filter:
• Other Applications Requiring 32-Bit Audio
–
Stop Band Attenuation: –98 dB
–
Passband Ripple: ±0.0002 dB
• Sampling Frequency: 10 kHz to 200 kHz
The PCM1795 is a monolithic CMOS integrated
• System Clock: 128, 192, 256, 384, 512, or
circuit
that
includes
stereo
digital-to-analog
768 fS With Autodetect
converters (DACs) and support circuitry in a small
SSOP-28 package. The data converters use TI’s
• Accepts 16-, 24-, and 32-Bit Audio Data
advanced segment DAC architecture to achieve
• PCM Data Formats: Standard, I2S™, and
excellent
dynamic
performance
and
improved
Left-Justified
tolerance to clock jitter. The PCM1795 provides
• DSD Format Interface Available
balanced current outputs, allowing the user to
optimize
analog
performance
externally.
The
• Interface Available for Optional External Digital
PCM1795 accepts pulse code modulation (PCM) and
Filter or DSP
direct stream digital (DSD) audio data formats,
• TDMCA or Serial Port (SPI™/I2C™)
providing an easy interface to audio digital signal
• User-Programmable Mode Controls:
processors (DSPs) and decoder chips. The PCM1795
also interfaces with external digital filter devices such
–
Digital Attenuation: 0 dB to –120 dB,
as the DF1704, DF1706, and the PMD200 from
0.5-dB/Step
Pacific Microsonics™. Sampling rates up to 200 kHz
–
Digital De-Emphasis
are supported. A full set of user-programmable
–
Digital Filter Roll-Off: Sharp or Slow
functions is accessible through an SPI or I2C serial
control port that supports register write and readback
–
Soft Mute
functions.
The
PCM1795
also
supports
the
–
Zero Flag for Each Output
time-division-multiplexed (TDM) command and audio
• Compatible With PCM1792A and PCM1796
(TDMCA) data format.
(Pins and Mode Controls)
• Dual Supply Operation:
–
5-V Analog, 3.3-V Digital
• 5-V Tolerant Digital Inputs
• Small SSOP-28 Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two, Audio Precision are trademarks of Audio Precision, Inc.
3
SPI is a trademark of Motorola.
4
I2S, I2C are trademarks of NXP Semiconductors.
5
Pacific Microsonics is a trademark of Pacific Microsonics, Inc.
6
Super Audio CD is a trademark of Sony Corporation.
7
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1795DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795DB TI1-PCM1795DB Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1795DB TI2-PCM1795DB Datasheet
1Mb / 68P
PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
REVISED MARCH 2015
PCM1795DB.B TI2-PCM1795DB.B Datasheet
1Mb / 68P
PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
REVISED MARCH 2015
PCM1795DBR TI1-PCM1795DBR Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1795DBR TI2-PCM1795DBR Datasheet
1Mb / 68P
PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
REVISED MARCH 2015
More results

Similar Description - PCM1795DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1795 TI-PCM1795_15 Datasheet
873Kb / 63P
PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment,Stereo Audio Digital-to-Analog Converter
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com