Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 122 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 118Page - ATMEL Corporation ATtiny5 Datasheet HTML 119Page - ATMEL Corporation ATtiny5 Datasheet HTML 120Page - ATMEL Corporation ATtiny5 Datasheet HTML 121Page - ATMEL Corporation ATtiny5 Datasheet HTML 122Page - ATMEL Corporation ATtiny5 Datasheet HTML 123Page - ATMEL Corporation ATtiny5 Datasheet HTML 124Page - ATMEL Corporation ATtiny5 Datasheet HTML 125Page - ATMEL Corporation ATtiny5 Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 168 page
background image
122
8127C–AVR–10/09
ATtiny4/5/9/10
17. Typical Characteristics
The data contained in this section is largely based on simulations and characterization of similar
devices in the same process and design methods. Thus, the data should be treated as indica-
tions of how the part will behave.
The following charts show typical behavior. These figures are not tested during manufacturing.
During characterisation devices are operated at frequencies higher than test limits but they are
not guaranteed to function properly at frequencies higher than the ordering code indicates.
All current consumption measurements are performed with all I/O pins configured as inputs and
with internal pull-ups enabled. Current consumption is a function of several factors such as oper-
ating voltage, operating frequency, loading of I/O pins, switching rate of I/O pins, code executed
and ambient temperature. The dominating factors are operating voltage and frequency.
A sine wave generator with rail-to-rail output is used as clock source but current consumption in
Power-Down mode is independent of clock selection. The difference between current consump-
tion in Power-Down mode with Watchdog Timer enabled and Power-Down mode with Watchdog
Timer disabled represents the differential current drawn by the Watchdog Timer.
The current drawn from pins with a capacitive load may be estimated (for one pin) as follows:
where V
CC = operating voltage, C
L = load capacitance and fSW = average switching frequency of
I/O pin.
17.1 Supply Current of I/O Modules
Tables and formulas below can be used to calculate additional current consumption for the dif-
ferent I/O modules in Active and Idle mode. Enabling and disabling of I/O modules is controlled
by the Power Reduction Register. See “Power Reduction Register” on page 24 for details.
Note:
1. The ADC is available in ATtiny5/10, only
Table 17-2 below can be used for calculating typical current consumption for other supply volt-
ages and frequencies than those mentioned in the Table 17-1 above.
Note:
1. The ADC is available in ATtiny5/10, only
ICP VCC CL f
×
×
SW
≈
Table 17-1.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers
VCC = 2V, f = 1MHz
VCC = 3V, f = 4MHz
VCC = 5V, f = 8MHz
PRTIM0
6.6 uA
40.0 uA
153.0 uA
PRADC (1)
29.6 uA
88.3 uA
333.3 uA
Table 17-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Current consumption additional to
active mode with external clock
(see Figure 17-1 and Figure 17-2)
Current consumption additional to
idle mode with external clock
(see Figure 17-7 and Figure 17-8)
PRTIM0
2.3 %
10.4 %
PRADC (1)
6.7 %
28.8 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com