Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 118 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 114Page - ATMEL Corporation ATtiny5 Datasheet HTML 115Page - ATMEL Corporation ATtiny5 Datasheet HTML 116Page - ATMEL Corporation ATtiny5 Datasheet HTML 117Page - ATMEL Corporation ATtiny5 Datasheet HTML 118Page - ATMEL Corporation ATtiny5 Datasheet HTML 119Page - ATMEL Corporation ATtiny5 Datasheet HTML 120Page - ATMEL Corporation ATtiny5 Datasheet HTML 121Page - ATMEL Corporation ATtiny5 Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 168 page
background image
118
8127C–AVR–10/09
ATtiny4/5/9/10
16.4 Clock Characteristics
16.4.1
Accuracy of Calibrated Internal Oscillator
It is possible to manually calibrate the internal oscillator to be more accurate than default factory
calibration. Note that the oscillator frequency depends on temperature and voltage. Voltage and
temperature characteristics can be found in Figure 17-39 on page 142 and Figure 17-40 on
page 142.
Notes: 1. Accuracy of oscillator frequency at calibration point (fixed temperature and fixed voltage).
16.4.2
External Clock Drive
Figure 16-2. External Clock Drive Waveform
Table 16-2.
Calibration Accuracy of Internal RC Oscillator
Calibration
Method
Target Frequency
VCC
Temperature
Accuracy at given Voltage
& Temperature(1)
Factory
Calibration
8.0 MHz
3V
25
°C±10%
User
Calibration
Fixed frequency within:
7.3 – 8.1 MHz
Fixed voltage within:
1.8V – 5.5V
Fixed temp. within:
-40
°C – 85°C
±1%
VIL1
VIH1
Table 16-3.
External Clock Drive Characteristics
Symbol
Parameter
VCC = 1.8 - 5.5V
VCC = 2.7 - 5.5V
VCC = 4.5 - 5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Clock Frequency
0
4
0
8
0
12
MHz
tCLCL
Clock Period
250
125
83
ns
tCHCX
High Time
100
50
33
ns
tCLCX
Low Time
100
50
33
ns
tCLCH
Rise Time
2.0
1
0.6
μs
tCHCL
Fall Time
2.0
1
0.6
μs
Δt
CLCL
Change in period from one clock cycle to the next
2
2
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com