Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 117 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 113Page - ATMEL Corporation ATtiny5 Datasheet HTML 114Page - ATMEL Corporation ATtiny5 Datasheet HTML 115Page - ATMEL Corporation ATtiny5 Datasheet HTML 116Page - ATMEL Corporation ATtiny5 Datasheet HTML 117Page - ATMEL Corporation ATtiny5 Datasheet HTML 118Page - ATMEL Corporation ATtiny5 Datasheet HTML 119Page - ATMEL Corporation ATtiny5 Datasheet HTML 120Page - ATMEL Corporation ATtiny5 Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 168 page
background image
117
8127C–AVR–10/09
ATtiny4/5/9/10
Notes: 1. “Min” means the lowest value where the pin is guaranteed to be read as high.
2. “Max” means the highest value where the pin is guaranteed to be read as low.
3. Although each I/O port can sink more than the test conditions (10 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the sum of all IOL (for all ports) should not exceed 60 mA. If IOL exceeds the test conditions, VOL
may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition.
4. Although each I/O port can source more than the test conditions (10 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the sum of all IOH (for all ports) should not exceed 60 mA. If IOH exceeds the test condition, VOH
may exceed the related specification. Pins are not guaranteed to source current greater than the listed test condition.
5. The RESET pin must tolerate high voltages when entering and operating in programming modes and, as a consequence,
has a weak drive strength as compared to regular I/O pins. See Figure 17-25 on page 135, and Figure 17-26 on page 135.
6. Values are with external clock using methods described in “Minimizing Power Consumption” on page 24. Power Reduction
is enabled (PRR = 0xFF) and there is no I/O drive.
7. BOD Disabled.
16.3 Speed Grades
The maximum operating frequency of the device depends on VCC . As shown in Figure 16-1, the
relationship between maximum frequency vs. VCC is linear between 1.8V < VCC < 4.5V.
Figure 16-1. Maximum Frequency vs. VCC
ICC
Power Supply Current(6)
Active 1MHz, VCC = 2V
0.2
0.5
mA
Active 4MHz, VCC = 3V
0.8
1.5
mA
Active 8MHz, VCC = 5V
2.7
5
mA
Idle 1MHz, VCC = 2V
0.02
0.2
mA
Idle 4MHz, VCC = 3V
0.13
0.5
mA
Idle 8MHz, VCC = 5V
0.6
1.5
mA
Power-down mode(7)
WDT enabled, VCC = 3V
4.5
10
µA
WDT disabled, VCC = 3V
0.15
2
µA
Table 16-1.
DC Characteristics. TA = -40°C to +85°C (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
4 MHz
8 MHz
1.8V
5.5V
4.5V
2.7V
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com