Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 116 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 112Page - ATMEL Corporation ATtiny5 Datasheet HTML 113Page - ATMEL Corporation ATtiny5 Datasheet HTML 114Page - ATMEL Corporation ATtiny5 Datasheet HTML 115Page - ATMEL Corporation ATtiny5 Datasheet HTML 116Page - ATMEL Corporation ATtiny5 Datasheet HTML 117Page - ATMEL Corporation ATtiny5 Datasheet HTML 118Page - ATMEL Corporation ATtiny5 Datasheet HTML 119Page - ATMEL Corporation ATtiny5 Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 168 page
background image
116
8127C–AVR–10/09
ATtiny4/5/9/10
16. Electrical Characteristics
16.1 Absolute Maximum Ratings*
16.2 DC Characteristics
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
VCC and GND Pins................................ 200.0 mA
Table 16-1.
DC Characteristics. TA = -40°C to +85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage
VCC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
-0.5
0.2VCC
0.3VCC
V
VIH
Input High-voltage
Except RESET pin
VCC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
0.7VCC
(1)
0.6VCC
(1)
VCC +0.5
(2)
V
Input High-voltage
RESET pin
VCC = 1.8V to 5.5V
0.9VCC
(1)
VCC +0.5
(2)
V
VOL
Output Low Voltage(3)
Except RESET pin(5)
IOL = 10 mA, VCC = 5V
IOL = 5 mA, VCC = 3V
0.6
0.5
V
VOH
Output High-voltage(4)
Except RESET pin(5)
IOH = -10 mA, VCC = 5V
IOH = -5 mA, VCC = 3V
4.3
2.5
V
ILIL
Input Leakage
Current I/O Pin
Vcc =
5.5V, pin low
(absolute value)
<0.05
1
µA
ILIH
Input Leakage
Current I/O Pin
Vcc =
5.5V, pin high
(absolute value)
<0.05
1
µA
RRST
Reset Pull-up Resistor
Vcc =
5.5V, input low
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
Vcc =
5.5V, input low
20
50
k
Ω
IACLK
Analog Comparator Input
Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com