Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 34Page - Analog Devices ADE5166_09 Datasheet HTML 35Page - Analog Devices ADE5166_09 Datasheet HTML 36Page - Analog Devices ADE5166_09 Datasheet HTML 37Page - Analog Devices ADE5166_09 Datasheet HTML 38Page - Analog Devices ADE5166_09 Datasheet HTML 39Page - Analog Devices ADE5166_09 Datasheet HTML 40Page - Analog Devices ADE5166_09 Datasheet HTML 41Page - Analog Devices ADE5166_09 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 38 of 156
ENERGY MEASUREMENT
The ADE5166/ADE5169/ADE5566/ADE5569 offer a fixed func-
tion, energy measurement, digital processing core that provides
all the information needed to measure energy in single-phase
energy meters. The part provides two ways to access the energy
measurements: direct access through SFRs for time sensitive
information and indirect access through address and data SFRs
for the majority of energy measurements. The Irms, Vrms, interrupt,
and waveform registers are readily available through the SFRs, as
shown in Table 31. Other energy measurement information is
mapped to a page of memory that is accessed indirectly through
the MADDPT, MDATL, MDATM, and MDATH SFRs. The
address and data SFRs act as pointers to the energy measurement
internal registers.
ACCESS TO ENERGY MEASUREMENT SFRs
Access to the energy measurement SFRs is achieved by reading
or writing to the SFR addresses detailed in Table 31. The internal
data for the MIRQx SFRs is latched byte by byte into the SFR
when the SFR is read.
The WAV1x, WAV2x, VRMSx, and IRMSx registers are all 3-byte
SFRs. The 24-bit data is latched into these SFRs when the high
byte is read. Reading the low or medium byte before the high
byte results in reading the data from the previous latched sample.
Sample code to read the VRMSx register is as follows:
MOV
R1, VRMSH
//latches data in VRMSH,
VRMSM, and VRMSL SFRs
MOV
R2, VRMSM
MOV
R3, VRMSL
ACCESS TO INTERNAL ENERGY MEASUREMENT
REGISTERS
Access to the internal energy measurement registers is achieved
by writing to the energy measurement pointer address SFR
(MADDPT, Address 0x91). This SFR selects the energy measure-
ment register to be accessed and determines if a read or a write
is performed (see Table 30).
Table 30. Energy Measurement Pointer Address SFR
(MADDPT, Address 0x91)
Bit
Description
7
1 = write
0 = read
[6:0]
Energy measurement internal register address
Writing to the Internal Energy Measurement Registers
When Bit 7 of the energy measurement pointer address SFR
(MADDPT, Address 0x91) is set, the contents of the MDATx SFRs
(MDATL, MDATM, and MDATH) are transferred to the internal
energy measurement register designated by the address in the
MADDPT SFR. If the internal register is one byte long, only the
MDATL SFR contents are copied to the internal register. The
MDATM SFR and MDATH SFR contents are ignored.
The energy measurement core functions with an internal clock of
4.096 MHz∕5 or 819.2 kHz. Because the 8052 core functions with
another clock, 4.096 MHz∕2CD, synchronization between the two
clock environments when CD = 0 or 1 is an issue. When data is
written to the internal energy measurement registers, a small
wait period needs to be implemented before another read or
write to these registers can take place.
Sample code to write 0x0155 to the 2-byte SAGLVL register,
located at Address 0x14 in the energy measurement memory
space, is as follows:
MOV
MDATM,#01h
MOV
MDATL,#55h
MOV
MADDPT,#SAGLVL_W (Address 0x94)
MOV
A,#05h
DJNZ
ACC,$
;Next write or read to energy
measurement SFR can be done after
this.
Reading the Internal Energy Measurement Registers
When Bit 7 of energy measurement pointer address SFR
(MADDPT, Address 0x91) is cleared, the contents of the inter-
nal energy measurement register designated by the address in
MADDPT are transferred to the MDATx SFRs. If the internal
register is one byte long, only the MDATL SFR contents are
updated with a new value. The MDATM SFR and MDATH SFR
contents are reset to 0x00.
The energy measurement core functions with an internal clock
of 4.096 MHz∕5 or 819.2 kHz. Because the 8052 core functions
with another clock, 4.096 MHz∕2CD, synchronization between
the two clock environments is an issue when CD = 0 or CD = 1.
When data is read from the internal energy measurement registers,
a small wait period needs to be implemented before the MDATx
SFRs are transferred to another SFR.
Sample code to read the peak voltage in the 2-byte VPKLVL
register, located at Address 0x16, into the data pointer is as
follows:
MOV
MADDPT,#VPKLVL_R (Address 0x16)
MOV
A,#05h
DJNZ
ACC,$
MOV
DPH,MDATM
MOV
DPL,MDATL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com