Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 91 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 87Page - Analog Devices ADE5166_09 Datasheet HTML 88Page - Analog Devices ADE5166_09 Datasheet HTML 89Page - Analog Devices ADE5166_09 Datasheet HTML 90Page - Analog Devices ADE5166_09 Datasheet HTML 91Page - Analog Devices ADE5166_09 Datasheet HTML 92Page - Analog Devices ADE5166_09 Datasheet HTML 93Page - Analog Devices ADE5166_09 Datasheet HTML 94Page - Analog Devices ADE5166_09 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 91 of 156
DUAL DATA POINTERS
Each ADE5166/ADE5169/ADE5566/ADE5569 incorporates
two data pointers. The second data pointer is a shadow data
pointer and is selected via the data pointer control SFR (DPCON,
Address 0xA7). DPCON features automatic hardware post-
increment and postdecrement, as well as an automatic data
pointer toggle.
Note that this is the only section of the data sheet where the
main and shadow data pointers are distinguished. Whenever the
data pointer (DPTR) is mentioned elsewhere in the data sheet,
active DPTR is implied.
In addition, only the MOVC/MOVX @DPTR instructions
automatically postincrement and postdecrement the DPTR.
Other MOVC/MOVX instructions, such as MOVC PC
or MOVC @Ri, do not cause the DPTR to automatically
postincrement and postdecrement.
To illustrate the operation of DPCON, the following code copies
256 bytes of code memory at Address 0xD000 into XRAM,
starting from Address 0x0000:
MOV DPTR,#0
;Main DPTR = 0
MOV DPCON,#55H
;Select shadow DPTR
;DPTR1 increment mode
;DPTR0 increment mode
;DPTR auto toggling ON
MOV DPTR,#0D000H
;DPTR = D000H
MOVELOOP: CLR A
MOVC A,@A+DPTR
;Get data
;Post Inc DPTR
;Swap to Main DPTR(Data)
MOVX @DPTR,A
;Put ACC in XRAM
;Increment main DPTR
;Swap Shadow DPTR(Code)
MOV A, DPL
JNZ MOVELOOP
Table 79. Data Pointer Control SFR (DPCON, Address 0xA7)
Bit
Mnemonic
Default
Description
7
0
Not implemented. Write don’t care.
6
DPT
0
Data pointer automatic toggle enable. Cleared by the user to disable autoswapping of the DPTR.
Set in user software to enable automatic toggling of the DPTR after each MOVX or MOVC instruction.
[5:4]
DP1m1,
DP1m0
0
Shadow data pointer mode. These bits enable extra modes of the shadow data pointer operation,
allowing more compact and more efficient code size and execution.
DP1m1
DP1m0
Result (Behavior of the Shadow Data Pointer)
0
0
8052 behavior.
0
1
DPTR is postincremented after a MOVX or MOVC instruction.
1
0
DPTR is postdecremented after a MOVX or MOVC instruction.
1
1
DPTR LSB is toggled after a MOVX or MOVC instruction. This instruction can be
useful for moving 8-bit blocks to/from 16-bit devices.
[3:2]
DP0m1,
DP0m0
0
Main data pointer mode. These bits enable extra modes of the main data pointer operation, allowing
more compact and more efficient code size and execution.
DP0m1
DP0m0
Result (Behavior of the Main Data Pointer)
0
0
8052 behavior.
0
1
DPTR is postincremented after a MOVX or MOVC instruction.
1
0
DPTR is postdecremented after a MOVX or MOVC instruction.
1
1
DPTR LSB is toggled after a MOVX or MOVC instruction. This instruction is useful
for moving 8-bit blocks to/from 16-bit devices.
1
0
Not implemented. Write don’t care.
0
DPSEL
0
Data pointer select. Cleared by the user to select the main data pointer, meaning that the contents of
this 16-bit register are placed into the DPL SFR and DPH SFR. Set by the user to select the shadow data
pointer, meaning that the contents of a separate 16-bit register appear in the DPL SFR and DPH SFR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com