Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 49 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 45Page - Analog Devices ADE5166_09 Datasheet HTML 46Page - Analog Devices ADE5166_09 Datasheet HTML 47Page - Analog Devices ADE5166_09 Datasheet HTML 48Page - Analog Devices ADE5166_09 Datasheet HTML 49Page - Analog Devices ADE5166_09 Datasheet HTML 50Page - Analog Devices ADE5166_09 Datasheet HTML 51Page - Analog Devices ADE5166_09 Datasheet HTML 52Page - Analog Devices ADE5166_09 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 49 of 156
PGA1
ADC
IPA
IPB
IN
I
REFERENCE
IBGAIN
×1, ×2, ×4
×8, ×16
{GAIN[2:0]}
HPF
DIGITAL
INTEGRATOR*
dt
MODE1[5]
CURRENT RMS (Irms)
CALCULATION
WAVEFORM SAMPLE
REGISTER
ACTIVE AND REACTIVE
POWER CALCULATION
0V
V1
ANALOG
INPUT
RANGE
0.25V, 0.125V,
62.5mV, 31.3mV
CURRENT CHANNEL
WAVEFORM
DATA RANGE
0x28F5C2
0x000000
0xD70A3E
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (50Hz)
0x342CD0
0x000000
0xCBD330
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (60Hz)
0x2B7850
0x000000
0xD487B0
60Hz
50Hz
PGA1
ADC
HPF
*WHEN THE DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS ATTENUATED
DEPENDING ON THE SIGNAL FREQUENCY BECAUSE THE INTEGRATOR HAS A –20dB/DECADE
FREQUENCY RESPONSE. WHEN DISABLED, THE OUTPUT IS NOT FURTHER ATTENUATED.
NOTE THAT THE DIGITAL INTEGRATOR IS NOT AVAILABLE IN THE ADE5166.
Figure 46. ADC and Signal Processing in Current Channel for the ADE5166/ADE5169
PGA1
ADC
IP
IN
I
REFERENCE
×1, ×2, ×4
×8, ×16
{GAIN[2:0]}
HPF
DIGITAL
INTEGRATOR*
dt
MODE1[5]
CURRENT RMS (Irms)
CALCULATION
WAVEFORM SAMPLE
REGISTER
ACTIVE AND REACTIVE
POWER CALCULATION
0V
V1
ANALOG
INPUT
RANGE
0.25V, 0.125V,
62.5mV, 31.3mV
CURRENT CHANNEL
WAVEFORM
DATA RANGE
0x28F5C2
0x000000
0xD70A3E
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (50Hz)
0x342CD0
0x000000
0xCBD330
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (60Hz)
0x2B7850
0x000000
0xD487B0
60Hz
50Hz
*WHEN THE DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS ATTENUATED
DEPENDING ON THE SIGNAL FREQUENCY BECAUSE THE INTEGRATOR HAS A –20dB/DECADE
FREQUENCY RESPONSE. WHEN DISABLED, THE OUTPUT IS NOT FURTHER ATTENUATED.
NOTE THAT THE DIGITAL INTEGRATOR IS NOT AVAILABLE IN THE ADE5566.
Figure 47. ADC and Signal Processing in Current Channel for the ADE5566/ADE5569



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com