Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 75 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 71Page - Analog Devices ADE5166_09 Datasheet HTML 72Page - Analog Devices ADE5166_09 Datasheet HTML 73Page - Analog Devices ADE5166_09 Datasheet HTML 74Page - Analog Devices ADE5166_09 Datasheet HTML 75Page - Analog Devices ADE5166_09 Datasheet HTML 76Page - Analog Devices ADE5166_09 Datasheet HTML 77Page - Analog Devices ADE5166_09 Datasheet HTML 78Page - Analog Devices ADE5166_09 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 75 of 156
Table 51. Temperature and Supply Delta SFR (DIFFPROG, Address 0xF3)
Bit
Mnemonic
Default
Description
[7:6]
Reserved
00
Reserved.
[5:3]
TEMP_DIFF
00
Difference threshold between last temperature measurement interrupting 8052 and new
temperature measurement that should interrupt 8052.
TEMP_DIFF
Result
000
No interrupt
001
1 LSB (~ 0.8°C)
010
2 LSB (~ 1.6°C)
011
3 LSB (~ 2.4°C)
100
4 LSB (~ 3.2°C)
101
5 LSB (~ 4°C)
110
6 LSB (~ 4.8°C)
111
Every temperature measurement
[2:0]
VDCIN_DIFF
00
Difference threshold between the last external voltage measurement interrupting 8052 and the new
external voltage measurement that should interrupt 8052.
VDCIN_DIFF
Result
000
No interrupt
001
1 LSB (~ 120 mV)
010
2 LSB (~ 240 mV)
011
3 LSB (~ 360 mV)
100
4 LSB (~ 480 mV)
101
5 LSB (~ 600 mV)
110
6 LSB (~ 720 mV)
111
Every VDCIN measurement
Table 52. Start ADC Measurement SFR (ADCGO, Address 0xD8)
Bit
Bit Address
Mnemonic
Default
Description
7
0xDF
PLLACK
0
Set this bit to clear the PLL fault bit, PLL_FLT (Bit 4), in the PERIPH SFR (Address 0xF4).
A PLL fault is generated if a reset is caused because the PLL lost lock.
[6:3]
0xDE to 0xDB
Reserved
0000
Reserved.
2
0xDA
VDCIN_ADC_GO
0
Set this bit to initiate an external voltage measurement. This bit is cleared when
the measurement request is received by the ADC.
1
0xD9
TEMP_ADC_GO
0
Set this bit to initiate a temperature measurement. This bit is cleared when the
measurement request is received by the ADC.
0
0xD8
BATT_ADC_GO
0
Set this bit to initiate a battery measurement. This bit is cleared when the
measurement request is received by the ADC.
Table 53. Battery Detection Threshold SFR (BATVTH, Address 0xFA)
Bit
Mnemonic
Default
Description
[7:0]
BATVTH
0
The battery ADC value is compared to this register, the battery detection threshold register.
If BATADC is lower than the threshold, an interrupt is generated.
Table 54. VDCINADC Value SFR (VDCINADC, Address 0xEF)
Bit
Mnemonic
Default
Description
[7:0]
VDCINADC
0
The VDCINADC value in this register is updated when an ADC interrupt occurs.
Table 55. Battery ADC Value SFR (BATADC, Address 0xDF)
Bit
Mnemonic
Default
Description
[7:0]
BATADC
0
The battery ADC value in this register is updated when an ADC interrupt occurs.
Table 56. Temperature ADC Value SFR (TEMPADC, Address 0xD7)
Bit
Mnemonic
Default
Description
[7:0]
TEMPADC
0
The temperature ADC value in this register is updated when an ADC interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com