Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 25Page - Analog Devices ADE5166_09 Datasheet HTML 26Page - Analog Devices ADE5166_09 Datasheet HTML 27Page - Analog Devices ADE5166_09 Datasheet HTML 28Page - Analog Devices ADE5166_09 Datasheet HTML 29Page - Analog Devices ADE5166_09 Datasheet HTML 30Page - Analog Devices ADE5166_09 Datasheet HTML 31Page - Analog Devices ADE5166_09 Datasheet HTML 32Page - Analog Devices ADE5166_09 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 29 of 156
Table 22. Scratch Pad 1 SFR (SCRATCH1, Address 0xFB)
Bit
Mnemonic
Default
Description
[7:0]
SCRATCH1
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Table 23. Scratch Pad 2 SFR (SCRATCH2, Address 0xFC)
Bit
Mnemonic
Default
Description
[7:0]
SCRATCH2
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Table 24. Scratch Pad 3 SFR (SCRATCH3, Address 0xFD)
Bit
Mnemonic
Default
Description
[7:0]
SCRATCH3
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Table 25. Scratch Pad 4 SFR (SCRATCH4, Address 0xFE)
Bit
Mnemonic
Default
Description
[7:0]
SCRATCH4
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Clearing the Scratch Pad Registers (SCRATCH1, Address 0xFB to SCRATCH4, Address 0xFE)
Note that these scratch pad registers are cleared only when the part loses VDD and VBAT.
Table 26. Power Control SFR (POWCON, Address 0xC5)
Bit
Mnemonic
Default
Description
7
Reserved
1
Reserved.
6
METER_OFF
0
Set this bit to turn off the modulators and energy metering DSP circuitry to reduce power if metering
functions are not needed in PSM0 mode.
5
Reserved
0
This bit should be kept at 0 for proper operation.
4
COREOFF
0
Set this bit to shut down the core and enter PSM2 mode if in the PSM1 operating mode.
3
Reserved
0
Reserved.
[2:0]
CD
010
Controls the core clock frequency, fCORE. fCORE = 4.096 MHz/2CD.
CD
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
111
0.032
Writing to the Power Control SFR (POWCON, Address 0xC5)
Writing data to the power control SFR (POWCON, Address 0xC5) involves writing 0xA7 into the key SFR (KYREG, Address 0xC1),
which is described in Table 126, followed by a write to the POWCON SFR. For example,
MOV KYREG,#0A7h
;Write KYREG to 0xA7 to get write access to the POWCON SFR
MOV POWCON,#10h
;Shut down the core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com