Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 69 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 65Page - Analog Devices ADE5166_09 Datasheet HTML 66Page - Analog Devices ADE5166_09 Datasheet HTML 67Page - Analog Devices ADE5166_09 Datasheet HTML 68Page - Analog Devices ADE5166_09 Datasheet HTML 69Page - Analog Devices ADE5166_09 Datasheet HTML 70Page - Analog Devices ADE5166_09 Datasheet HTML 71Page - Analog Devices ADE5166_09 Datasheet HTML 72Page - Analog Devices ADE5166_09 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 69 of 156
APPARENT POWER CALCULATION
Apparent power is defined as the maximum power that can be
delivered to a load. Vrms and Irms are the effective voltage and current
delivered to the load, respectively. Therefore, the apparent power
(AP) = Vrms × Irms. This equation is independent of the phase
angle between the current and the voltage.
Equation 29 gives an expression of the instantaneous power signal
in an ac system with a phase shift.
)
sin(
2
)
(
θ
t
V
t
V
rms
+
ω
×
=
(26)
()
)
sin(
2
θ
+
ω
×
=
t
I
t
I
rms
(27)
P(t) = V(t) × I(t)
(28)
()
)
2
cos(
)
cos(
θ
+
ω
−
θ
=
t
I
V
I
V
t
P
rms
rms
rms
rms
(29)
Figure 76 illustrates the signal processing for the calculation of the
apparent power in the ADE5166/ADE5169/ADE5566/ADE5569.
The apparent power signal can be read from the waveform register
by setting the WAVMODE register (Address 0x0D) and setting the
WFSM bit (Bit 5) in the Interrupt Enable 3 SFR (MIRQENH,
Address 0xDB). Like the current and voltage channel waveform
sampling modes, the waveform data is available at sample rates
of 25.6 kSPS, 12.8 kSPS, 6.4 kSPS, or 3.2 kSPS.
The gain of the apparent energy can be adjusted by using the
multiplier and by writing a twos complement, 12-bit word to the
VAGAIN register (VAGAIN, Address 0x1F[11:0]). Equation 30
shows how the gain adjustment is related to the contents of the
VAGAIN register.
Output VAGAIN =
⎟
⎠
⎞
⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
12
2
1
VAGAIN
Power
Apparent
(30)
For example, when 0x7FF is written to the VAGAIN register, the
power output is scaled up by 50% (0x7FF = 2048d, 2047/212 = 0.5).
Similarly, 0x800 = −2048d (signed, twos complement), and power
output is scaled by −50%. Each LSB represents 0.0244% of the
power output. The apparent power is calculated with the current
and voltage rms values obtained in the rms blocks of the
ADE5166/ADE5169/ADE5566/ADE5569.
Apparent Power Offset Calibration
Each rms measurement includes an offset compensation register
to calibrate and eliminate the dc component in the rms value
(see the Current Channel RMS Calculation section and the
Voltage Channel RMS Calculation section). The rms values of the
voltage and current channels are then multiplied together in the
apparent power signal processing. Because no additional offsets are
created in the multiplication of the rms values, there is no specific
offset compensation in the apparent power signal processing. The
offset compensation of the apparent power measurement is deter-
mined by calibrating each individual rms measurement.
APPARENT ENERGY CALCULATION
The apparent energy is given as the integral of the apparent power.
Apparent Energy =
(31)
∫
ower(t)dt
Apparent P
The ADE5166/ADE5169/ADE5566/ADE5569 achieve the
integration of the apparent power signal by continuously accumu-
lating the apparent power signal in an internal 48-bit register.
The apparent energy register (VAHR, Address 0x07) represents
the upper 24 bits of this internal register. This discrete time
accumulation or summation is equivalent to integration in
continuous time. Equation 32 expresses the relationship.
⎭
⎬
⎫
⎩
⎨
⎧
×
=
∑
∞
=
→
0
0
)
(
lim
n
T
T
nT
Power
Apparent
Energy
Apparent
(32)
where:
n is the discrete time sample number.
T is the discrete time sample period.
The discrete time sample period (T) for the accumulation register
in the ADE5166/ADE5169/ADE5566/ADE5569 is 1.22 μs
(5/MCLK).
Vrms
Irms
0x1A36E2
APPARENT POWER
SIGNAL (P)
CURRENT RMS SIGNAL – I(t)
VOLTAGE RMS SIGNAL – V(t)
0x00
0x1CF68C
0x00
0x1CF68C
VAGAIN
TO
DIGITAL-TO-FREQUENCY
CONVERTER
VARMSCFCON
Figure 76. Apparent Power Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com