Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 82 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 78Page - Analog Devices ADE5166_09 Datasheet HTML 79Page - Analog Devices ADE5166_09 Datasheet HTML 80Page - Analog Devices ADE5166_09 Datasheet HTML 81Page - Analog Devices ADE5166_09 Datasheet HTML 82Page - Analog Devices ADE5166_09 Datasheet HTML 83Page - Analog Devices ADE5166_09 Datasheet HTML 84Page - Analog Devices ADE5166_09 Datasheet HTML 85Page - Analog Devices ADE5166_09 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 82 of 156
The stack resides in the upper part of the extended internal RAM.
The SP bits in the stack pointer SFR (SP, Address 0x81[7:0]) and the
SP bits in the stack pointer high SFR (SPH, Address 0xB7[2:0])
hold the address of the stack in the extended RAM. The advantage
of this solution is that the use of the general-purpose RAM can
be limited to data storage. The use of the extended internal RAM
can be limited to the stack or, alternatively, split between the stack
and data storage if more space is required. This separation limits
the chance of data corruption because the stack can be contained
in the upper section of the XRAM and does not overflow into
the lower section containing data. Data can still be stored in
extended RAM by using the MOVX command.
The default starting address for the stack is 0x100, electing the
upper 1792 bytes of XRAM for the stack operation. The starting
address can be reconfigured to reduce the stack by writing to the
SSA bits in the stack pointer high SFR (SPH, Address 0xB7[5:3]).
These three bits set the value of the three most significant bits of
the stack pointer. For example, setting the SSA bits to a value of
110b moves the default starting address of the stack to 0x600,
allowing the highest 512 bytes of the XRAM to be used for stack
operation. If the stack reaches the top of the XRAM and overflows,
the stack pointer rolls over to the default starting address that is
written in the SSA bits (Address 0xB7[5:3]). Care should be taken
if altering the default starting address of the stack because, should
the stack overflow or underflow, unwanted overwrite operations
may occur.
Stack Boundary Protection
As a warning signal that the stack pointer is extending outside
the specified range, a stack boundary protection feature is included.
This feature is controlled through the stack boundary SFR
(STCON, Address 0xBF) and is disabled by default. To enable
this feature, set the boundary protection enable bit (SBE, Bit 1)
in the STCON SFR.
The stack boundary protection works in two ways to protect the
remainder of the XRAM from being corrupted. The waterline
detection feature monitors the top of the stack and warns the user
when the stack pointer is reaching the overflow point. By setting
the WTRLINE bits in the STCON SFR (Address 0xBF[7:3]), the
level of the waterline below the top of the XRAM can be set. For
example, by setting STCON[7:3] to the maximum value of 0x1F,
the waterline is set to its minimum value of 0x7FF − 0x1F = 0x7F0.
Similarly, by setting STCON[7:3] to 0x1, the waterline is set at the
top of the RAM space, Address 0x7FE. Note that if STCON[7:3]
are set to 000b, the feature is effectively disabled and no interrupt
or reset is generated.
The bottom of the stack is also preserved by the stack boundary
feature. Should the stack pointer be written to a value lower than
the default stack starting address defined in Bits[5:3] of the SPH
SFR, a warning is issued and the perpetrating command is ignored.
The protection for both the waterline and the stack starting
addresses are enabled simultaneously by setting the SBE bit in
the STCON SFR (Address 0xBF[1]).
When enabled, the stack boundary protection can be configured
to either reset the part or trigger an interrupt when a stack viola-
tion occurs. The value of the INT_RST bit of the STCON SFR
(Address 0xBF[2]) determines the response of the part. When
STCON[2] is set to 0x1 and the stack pointer exceeds the waterline,
the part resets immediately, no matter what other routines are
in progress. If an attempt is made to move the stack pointer below
the default stack starting address when STCON[2] is high, a reset
also occurs. If an interrupt response is selected, the watchdog
interrupt service routine is entered, assuming that there is no
higher level interrupt currently being serviced. Note that when
STCON[1] (SBE) is enabled, an interrupt (or reset) is triggered
if the stack boundary is violated, regardless of the status of the
EA bit in the interrupt enable SFR (IE, Address 0xA8[7]). This is
because the watchdog interrupt is automatically configured as a
high priority interrupt and, therefore, is not disabled by clearing
EA. When STCON[1] is low, the feature is completely disabled,
and no pending interrupts are generated.
There are two separate flags associated with the stack boundary
protection, allowing the cause of the violation to be determined.
When the waterline is exceeded, a flag is set in WTRLFG of the
stack boundary SFR (STCON, Address 0xBF[0]), indicating that
the reset/interrupt was initiated by the stack waterline monitor.
This flag remains high until the stack pointer falls below the water-
line and the user clears the flag in software. A waterline or
watchdog reset alone does not clear the flag. To successfully clear
the flag, the software clear must occur while the stack pointer is
below the waterline.
Note that the stack pointer should never be altered while in the
interrupt service routine. Doing so causes the program to return
to a different section of the program and, therefore, malfunction.
An external reset also causes the waterline flag to reset.
When an attempt is made to move the stack pointer below the stack
starting address, a flag (SBFLG) is set in the stack pointer high
SFR (SPH, Address 0xB7[6]), indicating that the reset/interrupt
was initiated by the stack bottom monitor. Once again, a boundary
or watchdog reset alone does not clear this flag, and the user must
clear the flag in software to successfully acknowledge the event.
Note that if SPH[5:3] and SPH[2:0] are altered simultaneously
to reduce the default stack starting address, a stack violation
condition occurs when the stack boundary condition is enabled,
and SPH[6] (the stack bottom flag, SBFLG) is initiated. To avoid
this condition, it is recommended that the default stack starting
address remain at 0x100 or be increased to further up the XRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com