Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 46Page - Analog Devices ADE5166_09 Datasheet HTML 47Page - Analog Devices ADE5166_09 Datasheet HTML 48Page - Analog Devices ADE5166_09 Datasheet HTML 49Page - Analog Devices ADE5166_09 Datasheet HTML 50Page - Analog Devices ADE5166_09 Datasheet HTML 51Page - Analog Devices ADE5166_09 Datasheet HTML 52Page - Analog Devices ADE5166_09 Datasheet HTML 53Page - Analog Devices ADE5166_09 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 50 of 156
Voltage Channel ADC
Figure 48 shows the ADC and signal processing chain for the
voltage channel. In waveform sampling mode, the ADC outputs
a signed, twos complement, 24-bit data-word at a maximum
of 25.6 kSPS (MCLK/160). The ADC produces an output code
that is approximately between 0x28F5 (+10,485d) and 0xD70B
(−10,485d).
Channel Sampling
The waveform samples of the current ADC and voltage ADC
can also be routed to the waveform registers to be read by the
MCU core. The active, reactive, and apparent power and energy
calculation remain uninterrupted during waveform sampling.
When in waveform sampling mode, one of four output sample
rates can be chosen by using the two DTRT bits of the WAVMODE
register (Address 0x0D[1:0]), as shown in Table 35. The output
sample rate can be 25.6 kSPS, 12.8 kSPS, 6.4 kSPS, or 3.2 kSPS.
If the WFSM enable bit is set in the Interrupt Enable 3 SFR
(MIRQENH, Address 0xDB), the 8052 core has a pending ADE
interrupt. The sampled signals selected in the WAVMODE
register are latched into the waveform SFRs when the waveform
high byte (WAV1H or WAV2H) is read.
The ADE interrupt stays active until the WFSM status bit is
cleared (see the Energy Measurement Interrupts section).
ANALOG
INPUT
RANGE
HPF
ADC
REFERENCE
V2
0V
0.5V, 0.25V,
0.125V, 62.5mV,
31.3mV
VOLTAGE RMS (Vrms)
CALCULATION
VP
VN
PGA2
V2
VOLTAGE CHANNEL
WAVEFORM
DATA RANGE
0xD70B
0x0000
0x28F5
ACTIVE AND REACTIVE
POWER CALCULATION
LPF1
f–3dB = 63.7Hz
MODE1[6]
ZX SIGNAL
DATA RANGE FOR 60Hz SIGNAL
0xE230
0x0000
0x1DD0
ZX DETECTION
ZX SIGNAL
DATA RANGE FOR 50Hz SIGNAL
0xDFC9
0x0000
0x2037
VOLTAGE PEAK DETECT
×1, ×2, ×4,
×8, ×16
{GAIN[7:5]}
WAVEFORM SAMPLE
REGISTER
Figure 48. ADC and Signal Processing in Voltage Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com