Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 23Page - Analog Devices ADE5166_09 Datasheet HTML 24Page - Analog Devices ADE5166_09 Datasheet HTML 25Page - Analog Devices ADE5166_09 Datasheet HTML 26Page - Analog Devices ADE5166_09 Datasheet HTML 27Page - Analog Devices ADE5166_09 Datasheet HTML 28Page - Analog Devices ADE5166_09 Datasheet HTML 29Page - Analog Devices ADE5166_09 Datasheet HTML 30Page - Analog Devices ADE5166_09 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 27 of 156
POWER MANAGEMENT
The ADE5166/ADE5169/ADE5566/ADE5569 have elaborate
power management circuitry that manages the regular power
supply to battery switchover and power supply failures.
The power management functionalities can be accessed directly
through the 8052 power management SFRs (see Table 16).
Table 16. Power Management SFRs
SFR Address
R/W
Mnemonic
Description
0xEC
R/W
IPSME
Power management interrupt enable (see Table 21).
0xF5
R/W
BATPR
Battery switchover configuration (see Table 19).
0xF8
R/W
IPSMF
Power management interrupt flag (see Table 18).
0xFF
R/W
INTPR
Interrupt pins configuration (see Table 17).
0xF4
R/W
PERIPH
Peripheral configuration (see Table 20).
0xC5
R/W
POWCON
Power control (see Table 26).
0xFB
R/W
SCRATCH1
Scratch Pad 1 (see Table 22).
0xFC
R/W
SCRATCH2
Scratch Pad 2 (see Table 23).
0xFD
R/W
SCRATCH3
Scratch Pad 3 (see Table 24).
0xFE
R/W
SCRATCH4
Scratch Pad 4 (see Table 25).
POWER MANAGEMENT REGISTER DETAILS
Table 17. Interrupt Pins Configuration SFR (INTPR, Address 0xFF)
Bit
Mnemonic
Default
Description
7
Reserved
N/A
Reserved.
[6:5]
FSEL
00
Sets RTC calibration output frequency and calibration window.
FSEL
Result (Calibration Window, Frequency)
00
30.5 sec, 1 Hz
01
30.5 sec, 512 Hz
10
0.244 sec, 500 Hz
11
0.244 sec, 16 kHz
4
Reserved
N/A
Reserved.
[3:1]
INT1PRG
000
Controls the function of INT1.
INT1PRG
Result
X001
GPIO enabled
X011
BCTRL enabled
01X1
INT1 input disabled
11X1
INT1 input enabled
0
INT0PRG
0
Controls the function of INT0.
INT0PRG
Result
0
INT0 input disabled
1
INT0 input enabled
1 X = don’t care
Writing to the Interrupt Pins Configuration SFR (INTPR, Address 0xFF)
To protect the RTC from runaway code, a key must be written to the key SFR (KYREG, Address 0xC1) to obtain write access to the
INTPR SFR. The KYREG SFR (see Table 126) should be set to 0xEA to unlock the INTPR SFR and reset to 0 after a timekeeping register is
written to. The RTC registers can be written using the following 8052 assembly code:
MOV
KYREG, #0EAh
MOV
INTPR, #080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com