Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 86 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 82Page - Analog Devices ADE5166_09 Datasheet HTML 83Page - Analog Devices ADE5166_09 Datasheet HTML 84Page - Analog Devices ADE5166_09 Datasheet HTML 85Page - Analog Devices ADE5166_09 Datasheet HTML 86Page - Analog Devices ADE5166_09 Datasheet HTML 87Page - Analog Devices ADE5166_09 Datasheet HTML 88Page - Analog Devices ADE5166_09 Datasheet HTML 89Page - Analog Devices ADE5166_09 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 86 of 156
Code Indirect Addressing
The internal code memory can be accessed indirectly. This can be
useful for implementing lookup tables and other arrays of constants
that are stored in flash memory. For example, to move the data
stored in flash memory at Address 0x8002 into the accumulator,
MOV
DPTR,#8002h
CLR
A
MOVX
A,@A+DPTR
The accumulator can be used as a variable index into the array
of flash memory located at DPTR.
INSTRUCTION SET
Table 68 documents the number of clock cycles required for each instruction. Most instructions are executed in one or two clock cycles,
resulting in a 4-MIPS peak performance. Note that, throughout this section, A represents the accumulator.
Table 68. Instruction Set
Mnemonic
Description
Bytes
Cycles
Arithmetic
ADD A, Rn
Add register to A
1
1
ADD A, @Ri
Add indirect memory to A
1
2
ADD A, dir
Add direct byte to A
2
2
ADD A, #data
Add immediate to A
2
2
ADDC A, Rn 1 1
Add register to A with carry
1
1
ADDC A, @Ri
Add indirect memory to A with carry
1
2
ADDC A, dir
Add direct byte to A with carry
2
2
ADDC A, #data
Add immediate to A with carry
2
2
SUBB A, Rn
Subtract register from A with borrow
1
1
SUBB A, @Ri
Subtract indirect memory from A with borrow
1
2
SUBB A, dir
Subtract direct from A with borrow
2
2
SUBB A, #data
Subtract immediate from A with borrow
2
2
INC A
Increment A
1
1
INC Rn
Increment register
1
1
INC @Ri
Ri increment indirect memory
1
2
INC dir
Increment direct byte
2
2
INC DPTR
Increment data pointer
1
3
DEC A
Decrement A
1
1
DEC Rn
Decrement register
1
1
DEC @Ri
Decrement indirect memory
1
2
DEC dir
Decrement direct byte
2
2
MUL AB
Multiply A by B
1
9
DIV AB
Divide A by B
1
9
DA A
Decimal Adjust A
1
2
Logic
ANL A, Rn
AND register to A
1
1
ANL A, @Ri
AND indirect memory to A
1
2
ANL A, dir
AND direct byte to A
2
2
ANL A, #data
AND immediate to A
2
2
ANL dir, A
AND A to direct byte
2
2
ANL dir, #data
AND immediate data to direct byte
3
3
ORL A, Rn
OR register to A
1
1
ORL A, @Ri
OR indirect memory to A
1
2
ORL A, dir
OR direct byte to A
2
2
ORL A, #data
OR immediate to A
2
2
ORL dir, A
OR A to direct byte
2
2
ORL dir, #data
OR immediate data to direct byte
3
3
XRL A, Rn
Exclusive-OR register to A
1
1
XRL A, @Ri
Exclusive-OR indirect memory to A
2
2
XRL A, #data
Exclusive-OR immediate to A
2
2
XRL dir, A
Exclusive-OR A to direct byte
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com