Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 3Page - Analog Devices ADE5166_09 Datasheet HTML 4Page - Analog Devices ADE5166_09 Datasheet HTML 5Page - Analog Devices ADE5166_09 Datasheet HTML 6Page - Analog Devices ADE5166_09 Datasheet HTML 7Page - Analog Devices ADE5166_09 Datasheet HTML 8Page - Analog Devices ADE5166_09 Datasheet HTML 9Page - Analog Devices ADE5166_09 Datasheet HTML 10Page - Analog Devices ADE5166_09 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 7 of 156
ANALOG PERIPHERALS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INTERNAL ADCs (BATTERY, TEMPERATURE, VDCIN)
Power Supply Operating Range
2.4
3.7
V
Measured on VSWOUT
No Missing Codes1
8
Bits
Conversion Delay2
38
μs
ADC Gain
VDCIN Measurement
15.3
mV/LSB
VBAT Measurement
14.6
mV/LSB
Temperature Measurement
0.83
°C/LSB
ADC Offset
VDCIN Measurement at 3 V
200
LSB
VBAT Measurement at 3.7 V
246
LSB
Temperature Measurement at 25°C
123
LSB
VDCIN Analog Input
Maximum Signal Levels
0
3.3
V
Input Impedance (DC)
1
MΩ
Low VDCIN Detection Threshold
1.09
1.2
1.27
V
POWER-ON RESET (POR)
VDD POR
Detection Threshold
2.5
2.95
V
POR Active Timeout Period
33
ms
VSWOUT POR
Detection Threshold
1.8
2.2
V
POR Active Timeout Period
20
ms
VINTD POR
Detection Threshold
2.0
2.25
V
POR Active Timeout Period
16
ms
VINTA POR
Detection Threshold
2.0
2.25
V
POR Active Timeout Period
120
ms
BATTERY SWITCHOVER
Voltage Operating Range (VSWOUT)
2.4
3.7
V
VDD to VBAT Switching
Switching Threshold (VDD)
2.5
2.95
V
Switching Delay
10
ns
When VDD to VBAT switch is activated by VDD
30
ms
When VDD to VBAT switch is activated by VDCIN
VBAT to VDD Switching
Switching Threshold (VDD)
2.5
2.95
V
Switching Delay
30
ms
Based on VDD > 2.75 V
VSWOUT to VBAT Leakage Current
10
nA
VBAT = 0 V, VSWOUT = 3.43 V, TA = 25°C
LCD, CHARGE PUMP ACTIVE
Charge Pump Capacitance Between
LCDVP1 and LCDVP2
100
nF
LCDVA, LCDVB, LCDVC Decoupling Capacitance
470
nF
LCDVA
0
1.9
V
LCDVB
0
3.8
V
1/3 bias mode
LCDVC
0
5.8
V
1/3 bias mode
V1 Segment Line Voltage
LCDVA − 0.1
LCDVA
V
Current on segment line = −2 μA
V2 Segment Line Voltage
LCDVB − 0.1
LCDVB
V
Current on segment line = −2 μA
V3 Segment Line Voltage
LCDVC − 0.1
LCDVC
V
Current on segment line = −2 μA
DC Voltage Across Segment and COMx Pin
50
mV
LCDVC − LCDVB, LCDVC − LCDVA, or
LCDVB − LCDVA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com