Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 74 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 70Page - Analog Devices ADE5166_09 Datasheet HTML 71Page - Analog Devices ADE5166_09 Datasheet HTML 72Page - Analog Devices ADE5166_09 Datasheet HTML 73Page - Analog Devices ADE5166_09 Datasheet HTML 74Page - Analog Devices ADE5166_09 Datasheet HTML 75Page - Analog Devices ADE5166_09 Datasheet HTML 76Page - Analog Devices ADE5166_09 Datasheet HTML 77Page - Analog Devices ADE5166_09 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 74 of 156
TEMPERATURE, BATTERY, AND SUPPLY VOLTAGE MEASUREMENTS
The ADE5166/ADE5169/ADE5566/ADE5569 include tem-
perature measurements as well as battery and supply voltage
measurements. These measurements enable many forms of
compensation. The temperature and supply voltage measurements
can be used to compensate external circuitry. The RTC can be
calibrated over temperature to ensure that it does not drift. Supply
voltage measurements allow the LCD contrast to be maintained
despite variations in voltage. Battery measurements allow for low
battery detection.
All ADC measurements are configured through the SFRs, as
shown in Table 49.
The temperature, battery, and supply voltage measurements can
be configured to continue functioning in PSM1 and PSM2 modes.
Keeping the temperature measurement active ensures that it is
not necessary to wait for the temperature measurement to settle
before using it for compensation.
Table 49. Temperature, Battery, and Supply Voltage Measurement SFRs
SFR
Address
R/W
Mnemonic
Description
0xF9
R/W
STRBPER
Peripheral ADC strobe period (see Table 50).
0xF3
R/W
DIFFPROG
Temperature and supply delta (see Table 51).
0xD8
R/W
ADCGO
Start ADC measurement (see Table 52).
0xFA
R/W
BATVTH
Battery detection threshold (see Table 53).
0xEF
R/W
VDCINADC
VDCINADC value (see Table 54).
0xDF
R/W
BATADC
Battery ADC value (see Table 55).
0xD7
R/W
TEMPADC
Temperature ADC value (see Table 56).
Table 50. Peripheral ADC Strobe Period SFR (STRBPER, Address 0xF9)
Bit
Mnemonic
Default
Description
[7:6]
Reserved
00
These bits must be kept at 0 for proper operation.
[5:4]
VDCIN_PERIOD
00
Period for background external voltage measurements.
VDCIN_PERIOD
Result
00
No VDCIN measurement
01
8 min
10
2 min
11
1 min
[3:2]
BATT_PERIOD
00
Period for background battery level measurements.
BATT_PERIOD
Result
00
No battery measurement
01
16 min
10
4 min
11
1 min
[1:0]
TEMP_PERIOD
00
Period for background temperature measurements.
TEMP_PERIOD
Result
00
No temperature measurement
01
8 min
10
2 min
11
1 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com