Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 56 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 52Page - Analog Devices ADE5166_09 Datasheet HTML 53Page - Analog Devices ADE5166_09 Datasheet HTML 54Page - Analog Devices ADE5166_09 Datasheet HTML 55Page - Analog Devices ADE5166_09 Datasheet HTML 56Page - Analog Devices ADE5166_09 Datasheet HTML 57Page - Analog Devices ADE5166_09 Datasheet HTML 58Page - Analog Devices ADE5166_09 Datasheet HTML 59Page - Analog Devices ADE5166_09 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 56 of 156
Figure 59 illustrates how the phase compensation is used to
remove a 0.1° phase lead in the current channel due to the
external transducer. To cancel the lead (0.1°) in the current
channel, a phase lead must also be introduced into the voltage
channel. The resolution of the phase adjustment allows the intro-
duction of a phase lead in increments of 0.026°. The phase lead is
achieved by introducing a time advance into the voltage channel.
A time advance of 4.88 μs is made by writing −4 (0x3C) to the
time delay block, thus reducing the amount of time delay by
4.88 μs, or equivalently, a phase lead of approximately 0.1° at a
line frequency of 60 Hz (0x3C represents −4 because the register
is centered with 0 at 0x40).
1
1
0
1
0
0
1
70
PGA1
IP/IPA
IN
I
ADC 1
HPF
24
PGA2
VP
VN
V
ADC 2
24
LPF2
V
I
60Hz
0.1°
I
V
CHANNEL 2 DELAY
REDUCED BY 4.88µs
(0.1°LEAD AT 60Hz)
0x3C IN PHCAL[7:0]
PHCAL[7:0]
–231.93µs TO +48.83µs
60Hz
1
1
DELAY BLOCK
1.22µs/LSB
Figure 59. Phase Calibration
RMS CALCULATION
The root mean square (rms) value of a continuous signal, V(t),
is defined as
∫
×
=
T
rms
dt
t
V
T
V
0
2
)
(
1
(1)
For time sampling signals, rms calculation involves squaring the
signal, taking the average, and obtaining the square root. The
ADE5166/ADE5169/ADE5566/ADE5569 implement this method
by serially squaring the input, averaging the results, and then
taking the square root of the average. The averaging part of this
signal processing is done by implementing a low-pass filter
(LPF3 in Figure 60, Figure 61, Figure 62, and Figure 63).
This LPF has a −3 dB cutoff frequency of 2 Hz when MCLK =
4.096 MHz.
()
)
sin(
2
t
V
t
V
ω
×
=
(2)
where V is the rms voltage.
( t
V
V
t
V
ω
−
=
2
cos
)
(
2
2
2
)
(3)
When this signal goes through LPF3, the cos(2ωt) term is atte-
nuated and only the dc term, Vrms2 (shown as V2 in Figure 60),
goes through.
V
LPF3
INPUT
V2 (t) = V2 –V2 cos(2ωt)
V2 (t) = V2
V(t) = √2 × V sin(ωt)
Figure 60. RMS Signal Processing
The Irms signal can be read from the waveform register by set-
ting the WAVMODE register (Address 0x0D) and setting the
WFSM bit (Bit 5) in the Interrupt Enable 3 SFR (MIRQENH,
Address 0xDB). Like the current and voltage channels waveform
sampling modes, the waveform data is available at sample rates of
25.6 kSPS, 12.8 kSPS, 6.4 kSPS, and 3.2 kSPS.
It is important to note that when the current input is larger than
40% of full scale, the Irms waveform sample register does not
represent the true processed rms value. The rms value processed
with this level of input is larger than the 24-bit read by the wave-
form register, making the value read truncated on the high end.
Current Channel RMS Calculation
Each ADE5166/ADE5169/ADE5566/ADE5569 simultaneously
calculates the rms values for the current and voltage channels in
different registers. Figure 61 and Figure 62 show the detail of the
signal processsing chain for the rms calculation on the current
channel. The current channel rms value is processed from the sam-
ples used in the current channel waveform sampling mode and is
stored in the unsigned, 24-bit IRMS SFRs (IRMSL, Address 0xD4;
IRMSM, Address 0xD5; and IRMSH, Address 0xD6). One LSB of
the current channel rms register (IRMSL, IRMSM, and IRMSH)
is equivalent to 1 LSB of a current channel waveform sample.
The update rate of the current channel rms measurement is
4.096 MHz/5. To minimize noise in the reading of the register, the
Irms register can also be configured to update only with the zero
crossing of the voltage input. This configuration is done by setting
the ZXRMS bit (Bit 2) in the MODE2 register (Address 0x0C).
With the different specified full-scale analog input values, the ADC
produces an output code that is approximately ±0d2,684,354
(see the Current Channel ADC section). Similarly, the equiva-
lent rms value of a full-scale ac signal is 0d1,898,124 (0x1CF68C).
The current rms measurement provided in the ADE5166/
ADE5169/ADE5566/ADE5569 is accurate to within ±0.5%
for signal inputs between full scale and full scale/500. The
conversion from the register value to amps must be done
externally in the microprocessor using an amps/LSB constant.
Current Channel RMS Offset Compensation
The ADE5166/ADE5169/ADE5566/ADE5569 incorporate a cur-
rent channel rms offset compensation register (IRMSOS). This is
a 12-bit, signed register that can be used to remove offset in the
current channel rms calculation. An offset can exist in the rms
calculation due to input noises that are integrated into the dc
component of V2(t).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com