Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 79 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 75Page - Analog Devices ADE5166_09 Datasheet HTML 76Page - Analog Devices ADE5166_09 Datasheet HTML 77Page - Analog Devices ADE5166_09 Datasheet HTML 78Page - Analog Devices ADE5166_09 Datasheet HTML 79Page - Analog Devices ADE5166_09 Datasheet HTML 80Page - Analog Devices ADE5166_09 Datasheet HTML 81Page - Analog Devices ADE5166_09 Datasheet HTML 82Page - Analog Devices ADE5166_09 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 79 of 156
8052 MCU CORE ARCHITECTURE
The ADE5166/ADE5169/ADE5566/ADE5569 have an 8052 MCU
core and use the 8051 instruction set. Some of the standard 8052
peripherals, such as the UART, have been enhanced. This section
describes the standard 8052 core and enhancements that have
been made to it in the ADE5166/ADE5169/ADE5566/ADE5569.
The special function register (SFR) space is mapped into the upper
128 bytes of internal data memory space and is accessed by direct
addressing only. It provides an interface between the CPU and all
on-chip peripherals. See Figure 81 for a block diagram showing
the programming model of the ADE5166/ADE5169/ADE5566/
ADE5569 via the SFR area.
All registers except the program counter (PC), instruction register
(IR), and the four general-purpose register banks reside in the
SFR area. The SFRs include control, configuration, and data
registers that provide an interface between the CPU and all on-
chip peripherals.
ENERGY
MEASUREMENT
PC
62kB ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE
PROGRAM/DATA
MEMORY
8051-COMPATIBLE
CORE
2kB XRAM
OTHER ON-CHIP
PERIPHERALS:
SERIAL I/O
WDT
TIMERS
BATTERY
ADC
LCD DRIVER
TEMPERATURE
ADC
RTC
POWER
MANAGEMENT
128-BYTE
SPECIAL
FUNCTION
REGISTER
AREA
IR
256 BYTES
GENERAL-
PURPOSE
RAM
REGISTER
BANKS
Figure 81. Block Diagram Showing Programming Model via the SFRs
MCU REGISTERS
The registers used by the MCU are summarized in Table 57.
Table 57. 8051 SFRs
Table 58. Program Status Word SFR (PSW, Address 0xD0)
Bit
Bit Address
Mnemonic
Description
7
0xD7
CY
Carry flag. Modified by ADD, ADDC, SUBB, MUL, and DIV instructions.
6
0xD6
AC
Auxiliary carry flag. Modified by ADD and ADDC instructions.
5
0xD5
F0
General-purpose flag available to the user.
[4:3]
0xD4, 0xD3
RS1, RS0
Register bank select bits.
RS1
RS0
Selected Bank
0
0
0
0
1
1
1
0
2
1
1
3
2
0xD2
OV
Overflow flag. Modified by ADD, ADDC, SUBB, MUL, and DIV instructions.
1
0xD1
F1
General-purpose flag available to the user.
0
0xD0
P
Parity bit. The number of bits set in the accumulator added to the value of the parity bit is always an
even number.
SFR
Address
Bit Addressable
Description
ACC
0xE0
Yes
Accumulator.
B
0xF0
Yes
Auxiliary math.
PSW
0xD0
Yes
Program status word (see Table 58).
PCON
0x87
No
Program control (see Table 59).
DPL
0x82
No
Data pointer low (see Table 60).
DPH
0x83
No
Data pointer high (see Table 61).
DPTR
0x82 and 0x83
No
Data pointer (see Table 62).
SP
0x81
No
Stack pointer (see Table 63).
SPH
0xB7
No
Stack pointer high (see Table 64).
STCON
0xBF
No
Stack boundary (see Table 65).
CFG
0xAF
No
Configuration (see Table 66).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com