Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 109 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 109 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 105Page - Analog Devices ADE5166_09 Datasheet HTML 106Page - Analog Devices ADE5166_09 Datasheet HTML 107Page - Analog Devices ADE5166_09 Datasheet HTML 108Page - Analog Devices ADE5166_09 Datasheet HTML 109Page - Analog Devices ADE5166_09 Datasheet HTML 110Page - Analog Devices ADE5166_09 Datasheet HTML 111Page - Analog Devices ADE5166_09 Datasheet HTML 112Page - Analog Devices ADE5166_09 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 109 of 156
ECON—Flash Control SFR
Programming the flash memory is done through the flash control
SFR (ECON, Address 0xB9). This SFR allows the user to read,
write, erase, or verify the 62 kB of flash memory. As a method
of security, a key must be written to the flash key SFR (FLSHKY,
Address 0xBA) to initiate any user access to the flash memory.
Upon completion of the flash memory operation, the FLSHKY
SFR is reset so that it must be written to before another flash
memory operation. Requiring the key to be set before an access
to the flash memory decreases the likelihood of user code or
data being overwritten by a runaway program.
The program counter, PC, is held on the instruction where
the ECON SFR is written to until the flash memory controller
finishes the requested operation. Then the PC increments to con-
tinue with the next instruction. Any interrupt requests that occur
while the flash controller is performing an operation are not
handled until the flash operation is complete. All peripherals,
such as timers and counters, continue to operate as configured
throughout the flash memory access.
Table 105. Flash Control SFR (ECON, Address 0xB9)
Bit
Mnemonic
Default
Value
Description
[7:0]
ECON
0
1
Write byte. The value in the EDATA SFR (Address 0xBC) is written to the flash memory, at the
page address given by EADRH (Address 0xC7) and EADRL (Address 0xC6). Note that the byte
being addressed must be pre-erased.
2
Erase page. A 512-byte page of flash memory address is erased. The page is selected by the
address in the EADRH and EADRL SFRs. Any address in the page can be written to EADRH and
EADRL to select it for erasure.
3
Erase all. All 62 kB of the available flash memory are erased. Note that this command is used
during serial mode and parallel download mode but should not be executed by user code.
4
Read byte. The byte in the flash memory, addressed by EADRH and EADRL, is read into EDATA.
5
Reserved.
6
Reserved.
7
Reserved.
8
Protect code (see the Protecting the Flash Memory section).
Table 106. Flash Key SFR (FLSHKY, Address 0xBA)
Bit
Mnemonic
Default
Description
[7:0]
FLSHKY
0xFF
The contents of this SFR are compared to the flash key, 0x3B. If the two values match, the next ECON SFR
operation is allowed (see the Protecting the Flash Memory section).
Table 107. Flash Protection Key SFR (PROTKY, Address 0xBB)
Bit
Mnemonic
Default
Description
[7:0]
PROTKY
0xFF
The contents of this SFR are compared to the flash memory location at Address 0xF7EB. If the two values
match, the update of the write/erase and read protection setup is allowed (see the Protecting the Flash
Memory section).
If the protection key in the flash is 0xFF, the PROTKY SFR value is not used for comparison.
The PROTKY SFR is also used to write the protection key in the flash. This is done by writing the desired
value in PROTKY and writing 0x08 in the ECON SFR. This operation can be done only once.
Table 108. Flash Data SFR (EDATA, Address 0xBC)
Bit
Mnemonic
Default
Description
[7:0]
EDATA
0
Flash pointer data.
Table 109. Flash Low Byte Address SFR (EADRL, Address 0xC6)
Bit
Mnemonic
Default
Description
[7:0]
EADRL
0
Flash pointer low byte address.
Table 110. Flash High Byte Address SFR (EADRH, Address 0xC7)
Bit
Mnemonic
Default
Description
[7:0]
EADRH
0
Flash pointer high byte address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com