Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 120 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 120 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 116Page - Analog Devices ADE5166_09 Datasheet HTML 117Page - Analog Devices ADE5166_09 Datasheet HTML 118Page - Analog Devices ADE5166_09 Datasheet HTML 119Page - Analog Devices ADE5166_09 Datasheet HTML 120Page - Analog Devices ADE5166_09 Datasheet HTML 121Page - Analog Devices ADE5166_09 Datasheet HTML 122Page - Analog Devices ADE5166_09 Datasheet HTML 123Page - Analog Devices ADE5166_09 Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 120 of 156
8-BIT
PRESCALER
HUNDREDTHS COUNTER
HTHSEC
SECOND COUNTER
SEC
MINUTE COUNTER
MIN
HOUR COUNTER
HOUR
ITEN
RTC INTERRUPT
8-BIT
INTERVAL COUNTER
INTVAL
INTERVAL
TIMEBASE
SELECTION
MUX
32.768kHz
CRYSTAL
ITS1 ITS0
EQUAL?
CALIBRATION
RTCCOMP
TEMPCAL
CALIBRATED
32.768kHz
ALARM SECOND
AL_SEC
DAY COUNTER
DAY
DAY COUNTER
DATE
MONTH COUNTER
MONTH
YEAR COUNTER
YEAR
EQUAL?
ALARM MINUTE
AL_MIN
EQUAL?
ALARM HOUR
AL_HOUR
EQUAL?
ALARM DAY
AL_DAY
EQUAL?
ALARM DATE
AL_DATE
EQUAL?
ALDAT_EN
ALDAY_EN
ALHR_EN
ALMIN_EN
ALSEC_EN
ALFLAG
COMPENSATION
TEMPERATURE
ADC
(x)2
Figure 103. RTC Implementation
RTC SFRs
Table 127. List of RTC SFRs
SFR
Address
Bit Addressable
Description
TIMECON
0xA1
No
RTC configuration (see Table 128).
TIMECON2
0xA2
No
RTC Configuration 2 (see Table 129).
RTCPTR
0xA3
No
RTC pointer address (see Table 130).
RTCDAT
0xA4
No
RTC pointer data (see Table 131).
KYREG
0xC1
No
Key (see Table 126).
RTCCOMP
0xF6
No
RTC nominal compensation (see Table 132).
TEMPCAL
0xF7
No
RTC temperature compensation (see Table 133). This is a read only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com