Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 125 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 125 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 121Page - Analog Devices ADE5166_09 Datasheet HTML 122Page - Analog Devices ADE5166_09 Datasheet HTML 123Page - Analog Devices ADE5166_09 Datasheet HTML 124Page - Analog Devices ADE5166_09 Datasheet HTML 125Page - Analog Devices ADE5166_09 Datasheet HTML 126Page - Analog Devices ADE5166_09 Datasheet HTML 127Page - Analog Devices ADE5166_09 Datasheet HTML 128Page - Analog Devices ADE5166_09 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 125 of 156
Table 137. Leap Years—Rollover After 29 Days
YEAR Register
Estimated Year
0d04
2004
0d08
2008
0d12
2012
0d16
2016
0d20
2020
0d24
2024
0d28
2028
0d32
2032
0d36
2036
0d40
2040
0d44
2044
0d48
2048
0d52
2052
0d56
2056
0d60
2060
0d64
2064
0d68
2068
0d72
2072
0d76
2076
0d80
2080
0d84
2084
0d88
2088
0d92
2092
0d96
2096
RTC INTERRUPTS
The RTC alarm and interval timer interrupts are enabled by
setting the ETI bit in the Interrupt Enable and Priority 2 SFR
(IEIP2, Address 0xA9[2]). When an alarm or interval timer
event occurs, the corresponding flag is set and a pending RTC
interrupt is generated. If the RTC interrupt is enabled, the program
vectors to the RTC interrupt address, and the corresponding
RTC flag can be cleared in software. Moving to the RTC interrupt
address alone does not automatically clear the flag. To success-
fully acknowledge the interrupt event, the flag must be cleared
by software. If the RTC interrupt is disabled when the event occurs,
the pending interrupt remains until the corresponding RTC flag
is cleared. Therefore, the ALFLAG and ITFLAG flags (Bit 6 and
Bit 2, respectively, in the RTC configuration SFR (TIMECON,
Address 0xA1)) drive the RTC interrupt and should be managed
by the user to keep track of the RTC events.
Note that, if the ADE5166/ADE5169/ADE5566/ADE5569 are
awakened by an RTC event, either the ALFLAG or ITFLAG,
then the pending RTC interrupt, must be serviced before the
devices can go back to sleep again. The ADE5166/ADE5169/
ADE5566/ADE5569 keep waking up until this interrupt has
been serviced.
Interval Timer Alarm
The RTC can be used as an interval timer. When the interval timer
is enabled by setting ITEN (TIMECON[1]), the interval timer
clock source selected by the ITS1 and ITS0 bits (TIMECON[5:4]) is
passed through to an 8-bit counter. This counter increments on
every interval timer clock pulse until the 8-bit counter is equal to
the value in the alarm interval register. Then an alarm event is
generated, setting the ITFLAG bit (TIMECON[2]) and creating
a pending RTC interrupt. If the SIT bit (TIMECON[3]) is cleared,
the 8-bit counter is cleared and starts counting again. If the SIT
bit is set, the 8-bit counter is held in reset after the alarm occurs.
Take care when changing the interval timer timebase. The
recommended procedure is as follows:
1.
If the INTVAL register is to be modified, write to the INTVAL
register first. Then wait for one 128 Hz clock cycle to syn-
chronize with the RTC, 64,000 cycles at a 4.096 MHz
instruction cycle clock.
2.
Disable the interval timer by clearing ITEN (TIMECON[1]).
Then wait for one 128 Hz clock cycle to synchronize with the
RTC, 64,000 cycles at a 4.096 MHz instruction cycle clock.
3.
Read the TIMECON SFR to ensure that the ITEN bit is
cleared. If it is not, wait for another 128 Hz clock cycle.
4.
Set the timebase bits, ITS1 and ITS0 (TIMECON[5:4]) to
configure the interval. Wait for a 128 Hz clock cycle for this
change to take effect.
RTC Wake-Up Alarm
The RTC can be used with an alarm to wake up periodically. The
alarm registers (AL_SEC, AL_MIN, AL_HOUR, AL_DAY, and
AL_DATE) should be set to the specific time that the alarm event
is required, and the corresponding ALxxx_EN bits must be set in
the RTC Configuration 2 SFR (TIMECON2, Address 0xA2). The
enabled alarm registers are then compared to their respective
RTC registers (SEC, MIN, HOUR, DAY, and DATE). When all
enabled alarms match their corresponding RTC registers, the alarm
flag is set, and a pending interrupt is generated. If the alarm flag
(ALFLAG, TIMECON[6]) is enabled, an RTC interrupt occurs
and the program vectors to the RTC interrupt address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com