Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 135 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 135 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 131Page - Analog Devices ADE5166_09 Datasheet HTML 132Page - Analog Devices ADE5166_09 Datasheet HTML 133Page - Analog Devices ADE5166_09 Datasheet HTML 134Page - Analog Devices ADE5166_09 Datasheet HTML 135Page - Analog Devices ADE5166_09 Datasheet HTML 136Page - Analog Devices ADE5166_09 Datasheet HTML 137Page - Analog Devices ADE5166_09 Datasheet HTML 138Page - Analog Devices ADE5166_09 Datasheet HTML 139Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 135 of 156
Bit
Mnemonic
Default
Description
[2:0]
DIV2
000
Binary divider.
DIV2
Result
000
Divide by 1 (see Table 149)
001
Divide by 2 (see Table 149)
010
Divide by 4 (see Table 149)
011
Divide by 8 (see Table 149)
100
Divide by 16 (see Table 149)
101
Divide by 32 (see Table 149)
110
Divide by 164 (see Table 149)
111
Divide by 128 (see Table 149)
Table 149. Common Baud Rates Using the UART2 Timer with a 4.096 MHz PLL Clock
Ideal Baud
CD
SBTH2
DIV2
SBAUDT
SBF2
SBAUDF2
% Error
115,200
0
0
1
0x01
0
0x07
+0.16
115,200
1
0
0
0x00
0
0x07
+0.16
57,600
0
0
2
0x02
0
0x07
+0.16
57,600
1
0
1
0x01
0
0x07
+0.16
38,400
0
0
2
0x02
1
0x2B
−0.31
38,400
1
0
1
0x01
1
0x2B
−0.31
38,400
2
0
0
0x00
1
0x2B
−0.31
19,200
0
0
3
0x03
1
0x2B
−0.31
19,200
1
0
2
0x02
1
0x2B
−0.31
19,200
2
0
1
0x01
1
0x2B
−0.31
19,200
3
0
0
0x00
1
0x2B
−0.31
9600
0
0
4
0x04
1
0x2B
−0.31
9600
1
0
3
0x03
1
0x2B
−0.31
9600
2
0
2
0x02
1
0x2B
−0.31
9600
3
0
1
0x01
1
0x2B
−0.31
9600
4
0
0
0x00
1
0x2B
−0.31
4800
0
0
5
0x05
1
0x2B
−0.31
4800
1
0
4
0x04
1
0x2B
−0.31
4800
2
0
3
0x03
1
0x2B
−0.31
4800
3
0
2
0x02
1
0x2B
−0.31
4800
4
0
1
0x01
1
0x2B
−0.31
4800
5
0
0
0x00
1
0x2B
−0.31
2400
0
0
6
0x06
1
0x2B
−0.31
2400
1
0
5
0x05
1
0x2B
−0.31
2400
2
0
4
0x04
1
0x2B
−0.31
2400
3
0
3
0x03
1
0x2B
−0.31
2400
4
0
2
0x02
1
0x2B
−0.31
2400
5
0
1
0x01
1
0x2B
−0.31
2400
6
0
0
0x00
1
0x2B
−0.31
300
0
2
7
0x17
1
0x2B
−0.31
300
1
1
7
0x0F
1
0x2B
−0.31
300
2
0
7
0x07
1
0x2B
−0.31
300
3
0
6
0x06
1
0x2B
−0.31
300
4
0
5
0x05
1
0x2B
−0.31
300
5
0
4
0x04
1
0x2B
−0.31
300
6
0
3
0x03
1
0x2B
−0.31
300
7
0
2
0x02
1
0x2B
−0.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com