Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5802ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADL5802
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VS = 5 V, VSET = 4 V, TA = 25°C, fLO = (fRF − 153) MHz, LO power = 0 dBm, Z01
Parameter
= 50 Ω, unless otherwise noted.
Table 1.
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20 dB over a limited bandwidth
18
dB
Input Impedance
50
Ω
RF Frequency Range
100
6000
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
240
Ω
IF Frequency Range
Can be matched externally to 3000 MHz
LF
600
MHz
DC Bias Voltage2
Externally generated
4.75
V
S
5.25
V
LO INTERFACE
LO Power
−10
0
+10
dBm
Return Loss
18
dB
Input Impedance
50
Ω
LO Frequency Range
100
6000
MHz
POWER INTERFACE
Supply Voltage
4.75
5
5.25
V
Quiescent Current
Resistor programmable
220
300
mA
Disable Current
ENBL pin low
170
mA
Enable Time
Time from ENBL pin low to power-up
182
ns
Disable Time
Time from ENBL pin high to power-down
28
ns
DYNAMIC PERFORMANCE at f
RF = 900 MHz/1900 MHz
Power Conversion Gain3
f
RF = 900 MHz
1.5
dB
f
RF = 1900 MHz
1.6
dB
Voltage Conversion Gain4
f
RF = 900 MHz
7.5
dB
f
RF = 1900 MHz
7.6
dB
SSB Noise Figure
f
CENT = 900 MHz
10
dB
f
CENT = 1900 MHz
11
dB
SSB Noise Figure Under Blocking5
f
CENT = 900 MHz
18
dB
f
CENT = 1900 MHz
22
dB
Input Third Order Intercept6
f
CENT = 890 MHz
26
dBm
f
CENT = 1890 MHz
28
dBm
Input Second Order Intercept7
f
CENT = 890 MHz
60
dBm
f
CENT = 1890 MHz
45
dBm
Input 1 dB Compression Point
f
RF = 900 MHz
12
dBm
f
RF = 1900 MHz
12
dBm
LO to IF Output Leakage
Unfiltered IF output
−35
dBm
LO to RF Input Leakage
−30
dBm
RF to IF Output Isolation
25
dBc
RFI1 to RFI2 Channel Isolation
45
dBc
IF/2 Spurious8
0 dBm input power, f
RF = 900 MHz
−68
dBc
IF/3 Spurious8
0 dBm input power, f
RF = 900 MHz
−67
dBc
IF/2 Spurious8
0 dBm input power, f
RF = 1900 MHz
−53
dBc
IF/3 Spurious8
0 dBm input power, f
RF = 1900 MHz
−59
dBc
DYNAMIC PERFORMANCE at f
RF = 2500 MHz
9
Power Conversion Gain10
−0.5
dB
Voltage Conversion Gain4
5.67
dB
SSB Noise Figure
11.5
dB
SSB Noise Figure Under Blocking11
f
CENT = 2145 MHz
18
dB
Input Third Order Intercept6
f
CENT = 2500 MHz
30
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com