Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADL5802
Rev. 0 | Page 15 of 32
DOWNCONVERTER MODE USING A JOHANSON 3.5 GHZ BALUN
VS = 5 V, TA = 25°C, VSET = 5 V, IF = 153 MHz, as measured using a typical circuit schematic with low-side LO, unless otherwise noted.
Insertion loss of input and output baluns (3600BL14M050, TC4-1W+) is included in the gain measurement.
–5
–4
–3
–2
–1
0
1
2
3
4
5
2900
3100
3300
3500
3700
3900
4100
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 41. Power Conversion Gain vs. RF Frequency
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
1
2
3
4
5
6
VSET (V)
IPOS
GAIN
0
0.06
0.03
0.09
0.15
0.12
0.21
0.18
0.27
0.24
0.30
Figure 42. Power Conversion Gain and IPOS vs. VSET
0
5
10
15
20
25
30
2900
3100
3300
3500
3700
3900
4100
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 43. Input IP3 vs. RF Frequency
0
5
10
15
20
25
0
1
2
3
4
5
6
VSET (V)
NOISE FIGURE
INPUT IP3
Figure 44. Input IP3, Noise Figure vs. VSET
30
32
36
40
44
48
34
38
42
46
50
2900
3100
3300
3500
3700
3900
4100
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 45. Input IP2 vs. RF Frequency
30
32
34
36
38
40
42
44
46
48
50
0
1
2
3
4
5
6
VSET (V)
Figure 46. Input IP2 vs. VSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com