Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADL5802
Rev. 0 | Page 23 of 32
5800 MHz Performance
VS = 5 V, VSET= 4.8 V, TA = 25°C, RF power = −10 dBm, LO power = 0 dBm, fRF = 5800 MHz, fLO = 5600 MHz, Z0 = 50 Ω.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−28.3
1
−63.6
0.0
−80.5
2
−48.6
−92.6
3
−64.2
−98.7
4
−90.5
−98.3
5
≤100
−99.4
6
−81.6
−98.0
N
7
−87.2
−95.9
8
−84.0
−99.5
9
≤100
≤100
10
≤100
≤100
11
≤100
≤100
12
≤100
−99.6
13
≤100
−99.8
14
≤100
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com