Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADL5802
Rev. 0 | Page 18 of 32
DOWNCONVERTER MODE USING A JOHANSON 5.7 GHZ BALUN
VS = 5 V, TA = 25°C, VSET = 4.8 V, IF = 380 MHz, as measured using a typical circuit schematic with low-side LO, unless otherwise noted.
Insertion loss of input and output baluns (5400BL15B050, TC4-1W+) is included in the gain measurement.
–8
–6
–4
–2
0
2
4900
5100
5300
5500
5700
5900
6100
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 54. Power Conversion Gain vs. RF Frequency
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
1
2
3
4
5
6
VSET (V)
GAIN
IPOS
0
0.06
0.03
0.09
0.15
0.12
0.21
0.18
0.27
0.24
0.30
Figure 55. Power Conversion Gain and IPOS vs. VSET
0
5
10
15
20
25
30
4900
5100
5300
5500
5700
5900
6100
RF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 56. Input IP3 vs. RF Frequency
0
6
12
18
24
30
0
5
10
15
20
25
0
1
2
3
4
5
6
VSET (V)
IP3
NOISE FIGURE
Figure 57. Input IP3, Noise Figure vs. VSET
10
15
20
25
30
35
40
45
50
55
60
4900
5100
5300
5500
5700
5900
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 58. Input IP2 vs. RF Frequency
20
25
30
35
40
45
50
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VSET (V)
Figure 59. Input IP2 vs. VSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com