Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADL5802
Rev. 0 | Page 26 of 32
RF1–
RF1+
ADL5802
RF2–
GND RF2+
C13
C14
T5
T3
C5
C12
RF1
RF2
23
22
21
20
19
Figure 69. ADL5802 RF Interface
GND
ENBL
LOIP LOIN
ADL5802
GND
T1
LO
C3
C2
7
8
9
10
11
Figure 70. ADL5802 LO Interface
Table 4. Suggested Components for the RF and LO Interfaces
RF and LO
Frequency
T1, T3, T5
C2, C3, C5,
C12, C13, C14
900 MHz
Mini-Circuits® TC1-1-13M+
100 pF
1900 MHz
Mini-Circuits TC1-1-13M+
100 pF
2500 MHz
Johanson Technology
2500BL14M050
3 pF
3500 MHz
Johanson Technology
3600BL14M050
1.5 pF
5500 MHz
Johanson Technology
5400BL15B050
3 pF
IF PORT
The IF port features an open-collector differential output
interface. It is necessary to bias the open collector outputs using
one of the schemes presented in Figure 71 and Figure 72.
Figure 71 shows the use of center-tapped impedance transformers.
The turns ratio of the transformer should be selected to provide
the desired impedance transformation. In the case of a 50 Ω
load impedance, a 4:1 impedance ratio transformer should be
used to transform the 50 Ω load into a 200 Ω differential load at
the IF output pins.
Figure 72 shows a differential IF interface where pull-up choke
inductors are used to bias the open-collector outputs. The
shunting impedance of the choke inductors used to couple dc
current into the mixer core should be large enough at the IF
frequency of operation so as not to load down the output
current before it reaches the intended load. Additionally, the dc
current handling capability of the selected choke inductors
must be at least 45 mA. The self-resonant frequency of the
selected choke inductors must be higher than the intended IF
frequency. A variety of suitable choke inductors is commercially
available from manufacturers such as Coilcraft and Murata. An
impedance transforming network may be required to transform
the final load impedance to 200Ω at the IF outputs.
ADL5802
IF1P
C16
T4
VPOS
C15
T2
IF2P
VPOS
ADL5802
GND
OP1+
OP1–
GND
GND
1
2
3
4
5
OP2+
GND
GND
GND
OP2–
18
17
16
15
14
Figure 71. Biasing the IF Port Open-Collector Outputs
Using a Center-Tapped Impedance Transformer
ADL5802
ADL5802
C18
L4
L3
C17
VPOS
VPOS
ZL
IMPEDANCE
TRANSFORMING
NETWORK
C1
L1
L2
C4
ZLOAD = 200Ω
ZLOAD = 200Ω
VPOS
VPOS
GND
OP1+
OP1–
GND
GND
1
2
3
4
5
OP2+
GND
GND
GND
OP2–
18
17
16
15
14
IMPEDANCE
TRANSFORMING
NETWORK
IF2 OUT+
IF2 OUT–
IF1 OUT+
IF1 OUT–
ZL
Figure 72. Biasing the IF Port Open-Collector Outputs
Using Pull-Up Choke Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com