Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADL5802
Rev. 0 | Page 19 of 32
8
9
10
11
12
13
14
15
16
4900
5100
5300
5500
5700
5900
6100
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 60. Input P1dB vs. RF Frequency
0
5
10
15
20
25
4900
5100
5300
5500
5700
5900
6100
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 61. SSB Noise Figure vs. RF Frequency
0
5
10
15
20
25
30
35
40
45
–60
–50
–40
–30
–20
–10
0
BLOCKER LEVEL (dBm)
NF, RF 5805MHz,
IF 380MHz, BLOCKER 5800MHz
Figure 62. SSB Noise Figure vs. Blocker Level
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
4900
5100
5300
5500
5700
5900
6100
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 63. LO to IF Leakage vs. LO Frequency
–35
–33
–31
–29
–27
–25
–23
–21
–19
–17
–15
LO FREQUENCY (MHz)
4900
5100
5300
5500
5700
5900
6100
TA = +85°C
TA = +25°C
TA = –40°C
Figure 64. LO to RF Leakage vs. LO Frequency
–70
–65
–60
–55
–50
–45
–40
–35
–30
4900
5100
5300
5500
5700
5900
6100
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 65. RF to IF Output Isolation vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com