Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADL5802
Rev. 0 | Page 10 of 32
–40
–35
–30
–25
–20
–15
–10
–5
–0
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
RF RETURN LOSS 5500MHz BALUN:
5400BL15B050 3pF INPUT CAPACITANCE
RF RETURN LOSS 900MHz AND 1900MHz BALUN:
TC1-1-13M+ 100pF INPUT CAPACITANCE
RF RETURN LOSS 2500MHz BALUN:
2500BL14M050 3pF INPUT CAPACITANCE
RF RETURN LOSS 3500MHz BALUN:
3600BL14M050 1.5pF INPUT CAPACITANCE
Figure 21. RF Return Loss Measured Differentially at the RF Port
–30
–25
–20
–15
–10
–5
0
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
LO RETURN LOSS BALUN:
TC1-1-13M+ 100pF
INPUT CAPACITANCE
LO RETURN LOSS 2500MHz BALUN:
2500BL14M050 3pF
INPUT CAPACITANCE
LO RETURN LOSS 3500MHz BALUN:
3600BL14M050 1.5pF
INPUT CAPACITANCE
LO RETURN LOSS 5500MHz BALUN:
5400BL15B050 3pF
INPUT CAPACITANCE
Figure 22. LO Return Loss Measured Differentially at the LO Port
500
400
300
200
100
0
8
6
4
2
0
–2
10
100
1000
3000
IF FREQUENCY (MHz)
RESISTANCE
CAPACITANCE
Figure 23. IF Differential Output Impedance (R Parallel C Equivalent)
–60
–50
–55
–45
–40
–35
–30
–25
–20
–15
–10
0
500
1000
1500
2000
2500
3000
3500
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 24. LO to IF Leakage vs. LO Frequency
–60
–55
–50
–45
–40
–35
–25
–15
–30
–20
–10
0
500
1000
1500
2000
2500
3000
3500
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 25. LO to RF Leakage vs. LO Frequency
–60
–50
–40
–30
–20
–10
0
0
500
1000
1500
2000
2500
3000
3500
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 26. RF to IF Output Isolation vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com