Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADL5802
Rev. 0 | Page 22 of 32
2600 MHz Performance
VS = 5 V, VSET = 4.5 V, TA = 25°C, RF power = 0 dBm, LO power = 0 dBm, fRF = 2600 MHz, fLO = 2350 MHz, Z0 = 50 Ω.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−37.9
−31.5
1
−27.5
0.0
−62.6
−36.3
2
−75.5
−59.7
−52.2
−65.8
−68.8
3
−75.0
−88.7
−56.3
−86.8
−90.5
4
≤100
≤100
−82.5
−92.1
≤100
5
≤100
≤100
−94.4
≤100
≤100
≤100
6
≤100
≤100
≤100
≤100
≤100
N
7
≤100
≤100
≤100
≤100
≤100
8
≤100
≤100
≤100
≤100
≤100
9
≤100
≤100
≤100
≤100
≤100
10
≤100
≤100
≤100
≤100
≤100
11
≤100
≤100
≤100
≤100
≤100
12
≤100
≤100
≤100
≤100
13
≤100
≤100
≤100
14
≤100
≤100
15
3500 MHz Performance
VS = 5 V, VSET= 5 V, TA = 25°C, RF power = 0 dBm, LO power = 0 dBm, fRF = 3500 MHz, fLO = 3800 MHz, Z0 = 50 Ω.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−43.0
−23.7
−52.9
1
−26.8
0.0
−59.6
−42.2
−80.5
2
−59.8
−71.9
−53.8
−67.5
−68.2
−84.1
3
−67.6
−97.6
−59.3
−92.2
−79.3
≤100
4
≤100
≤100
−93.7
−97.8
≤100
≤100
5
≤100
≤100
−96.1
≤100
≤100
≤100
6
≤100
≤100
≤100
≤100
≤100
≤100
≤100
N
7
≤100
≤100
≤100
≤100
≤100
≤100
≤100
8
≤100
≤100
≤100
≤100
≤100
≤100
≤100
9
≤100
≤100
≤100
≤100
≤100
≤100
≤100
10
≤100
≤100
≤100
≤100
≤100
≤100
11
≤100
≤100
≤100
≤100
≤100
12
≤100
≤100
≤100
≤100
13
≤100
≤100
≤100
14
≤100
≤100
15
≤100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com