Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADL5802
Rev. 0 | Page 25 of 32
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The ADL5802 features dual channel mixers with a common
local oscillator (LO). The mixer is designed to translate between
radio frequencies (RF) and intermediate frequencies (IF). For
both upconversion and downconversion applications, RF1+
(Pin 23), RF1− (Pin 22), RF2+ (Pin 20), and RF2− (Pin 19)
must be configured as the input interfaces. OP1+ (Pin 3), OP1−
(Pin 4), OP2+ (Pin 16), and OP2− (Pin 15) must be configured
as the output interfaces. Figure 68 illustrates the basic connections
for ADL5802 operation.
RF AND LO PORTS
The RF and LO input ports are designed for differential input
impedance of approximately 50 Ω. Figure 69 and Figure 70
illustrate the RF and LO interfaces, respectively. It is recommended
that each of the RF and LO differential ports be driven through a
balun for optimum performance. It is also necessary to ac-
couple both RF and LO ports with the proper size capacitors.
Table 4 lists the recommended components for various RF
frequency bands. The characterization data is available in the
Typical Performance Characteristics section.
GND
ENBL
LOIP LOIN
VPOS
OP2+
RF1–
GND
RF1+
VPOS
OP1+
OP1–
GND
VPOS
ADL5802
GND
RF2–
GND
GND VSET
GND
GND
GND
RF2+
OP2–
C13
C14
T5
T3
C5
C12
C15
T2
C7
C10
RF1
IF1P
C9
C16
T4
C6
IF2P
RF2
VPOS
VPOS
T1
LO
C3
C2
VSET
VPOS
C11
C8
VPOS
VPOS
24
1
2
3
4
5
7
8
9
10
11
12
6
18
17
16
15
14
13
23
22
21
20
19
Figure 68. Basic Connections Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com