Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5802ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual Channel, High IP3,
100 MHz to 6 GHz Active Mixer
ADL5802
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for its use,norforanyinfringements ofpatents or other
rightsofthirdpartiesthat mayresult fromitsuse.Specificationssubjecttochangewithoutnotice. No
license isgranted by implication or otherwise under anypatent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Power conversion gain of 1.6 dB
Wideband RF, LO, and IF ports
SSB noise figure of 11 dB
Input IP3 of 28 dBm
Input P1dB of 12 dBm
Typical LO drive of 0 dBm
Low LO leakage
Single supply operation: 5 V @ 240 mA
Exposed paddle, 4 mm × 4 mm, 24-lead LFCSP package
APPLICATIONS
Cellular base station receivers
Main and diversity receiver designs
Radio link downconverters
FUNCTIONAL BLOCK DIAGRAM
GND
ENBL
LOIP LOIN
VPOS
GND
OP2+
RF1–
RF1+
VPOS
7
8
15
16
17
18
21
22
23
ADL5802
19
20
RF2–
GND
13
14
GND VSET
GND
GND
GND
GND
RF2+
OP2–
VPOS
GND
OP1+
OP1–
6
5
4
3
2
1
24
9
10
11
12
IP3
BIAS
Figure 1.
GENERAL DESCRIPTION
The ADL5802 uses high linearity, double-balanced, active mixer
cores with integrated LO buffer amplifiers to provide high
dynamic range frequency conversion from 100 MHz to 6 GHz.
The mixers benefit from a proprietary linearization architecture
that provides enhanced input IP3 performance when subject to
high input levels. A bias adjust feature allows the input linearity,
SSB noise figure, and dc current to be optimized using a single
control pin. The high input linearity allows the device to be used
in demanding cellular applications where in-band blocking
signals may otherwise result in degradation in dynamic perform-
ance. The balanced active mixer arrangement provides superb
LO to RF and LO to IF leakage, typically better than −30 dBm.
The IF outputs are designed for a 200 Ω source impedance and
provide a typical voltage conversion gain of 7.6 dB when loaded
into a 200 Ω load.
The ADL5802 is fabricated using a SiGe high performance IC
process. The device is available in a compact 4 mm × 4 mm,
24-lead LFCSP package and operates over a −40°C to +85°C
temperature range. An evaluation board is also available.


Similar Part No. - ADL5802ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802XCPZ-R7 AD-ADL5802XCPZ-R7 Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802XCPZ-WP AD-ADL5802XCPZ-WP Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
More results

Similar Description - ADL5802ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8343 AD-AD8343 Datasheet
394Kb / 27P
DC-to-2.5 GHz High IP3 Active Mixer
REV.0
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
CMD257C4 MMIC-CMD257C4 Datasheet
259Kb / 11P
6-10 GHz High IP3 I/Q Mixer
logo
Qorvo, Inc
CMD257C4 QORVO-CMD257C4 Datasheet
259Kb / 11P
6-10 GHz High IP3 I/Q Mixer
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
CMD253 QORVO-CMD253 Datasheet
327Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com