Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5802ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADL5802
Rev. 0 | Page 4 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Second Order Intercept7
f
CENT = 2500 MHz
47
dBm
Input 1 dB Compression Point
13
dBm
LO to IF Output Leakage
Unfiltered IF output
36
dBm
LO to RF Input Leakage
31
dBm
RF to IF Output Isolation
26
dBc
RFI1 to RFI2 Channel Isolation
42
dBc
IF/2 Spurious8
0 dBm input power
−52
dBc
IF/3 Spurious8
0 dBm input power
−56
dBc
DYNAMIC PERFORMANCE at f
RF = 3500 MHz
12
Power Conversion Gain13
−0.5
dB
Voltage Conversion Gain4
5.5
dB
SSB Noise Figure
12.5
dB
SSB Noise Figure Under Blocking14
f
CENT = 3500 MHz
18
dB
Input Third Order Intercept5
f
CENT = 3500 MHz
25
dBm
Input Second Order Intercept7
f
CENT = 3500 MHz
39
dBm
Input 1 dB Compression Point
13
dBm
LO to IF Output Leakage
Unfiltered IF output
33
dBm
LO to RF Input Leakage
28
dBm
RF to IF Output Isolation
31
dBc
RFI1 to RFI2 Channel Isolation
39
dBc
IF/2 Spurious8
0 dBm input power
−46
dBc
IF/3 Spurious8
0 dBm input power
−63
dBc
DYNAMIC PERFORMANCE at f
RF = 5500 MHz
15
Power Conversion Gain16
−3
dB
Voltage Conversion Gain4
5.67
dB
SSB Noise Figure
14
dB
SSB Noise Figure Under Blocking17
f
CENT = 5800 MHz
17
dB
Input Third Order Intercept5
f
CENT = 5500 MHz
23
dBm
Input Second Order Intercept7
f
CENT = 5500 MHz
35
dBm
Input 1 dB Compression Point
13
dBm
LO to IF Output Leakage
Unfiltered IF output
42
dBm
LO to RF Input Leakage
27
dBm
RF to IF Output Isolation
50
dBc
RFI1 to RFI2 Channel Isolation
33
dBc
IF/2 Spurious8
0 dBm input power
−49
dBc
IF/3 Spurious8
0 dBm input power
−64
dBc
1 Z0 is the characteristic impedance assumed for all measurements and the PCB.
2 Supply voltage must be applied from an external circuit through choke inductors.
3 Excluding 4:1 IF port transformer (TC4-1W+), RF and LO port transformers (TC1-1-13M+), and PCB loss.
4 ZSOURCE = 50 Ω, differential; ZLOAD = 200 Ω, differential 5 dBm; ZSOURCE is the impedance of the source instrument; ZLOAD is the load impedance at the output.
5 fRF1 = fCENT, fBLOCKER = (fCENT − 5) MHz, fLO = (fCENT − 153) MHz, blocker level = 0 dBm.
6 fRF1 = (fCENT − 1) MHz, fRF2 = fCENT, fLO = (fCENT − 153) MHz, each RF tone at −10 dBm.
7 fRF1 = fCENT, fRF2 = (fCENT + 100) MHz, fLO = (fCENT − 153) MHz, each RF tone at −10 dBm.
8 For details, see the Spur Performance section.
9 VS= 5 V, VSET = 4.5 V, TA = 25°C, fLO = (fRF − 211) MHz, LO power = 0 dBm, Z0 = 50 Ω.
10 Excluding 4:1 IF port transformer (TC4-1W+), RF and LO port transformers (2500BL14M050), and PCB loss.
11 fRF1 = fCENT, fBLOCKER = (fCENT − 5) MHz, fLO = (fCENT − 235) MHz, blocker level = 0 dBm.
12 VS = 5 V, VSET = 5 V, TA = 25°C, fLO = (fRF − 153) MHz, LO power = 0 dBm, Z0 = 50 Ω.
13 Including 4:1 IF port transformer (TC4-1W+), RF and LO port transformers (3600BL14M050), and PCB loss.
14 fRF1 = fCENT, fBLOCKER = (fCENT − 5) MHz, fLO = (fCENT − 153) MHz, blocker level = −20 dBm.
15 VS= 5 V, VSET = 4.8 V, TA = 25°C, fLO = (fRF − 380) MHz, LO power = 0 dBm, Z0 = 50 Ω.
16 Including 4:1 IF port transformer (TC4-1W+), RF and LO port transformers (5400BL15B050), and PCB loss.
17 fRF1 = fCENT, fBLOCKER = (fCENT − 5) MHz, fLO = (fCENT − 300) MHz, blocker level = −20 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com