Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADL5802
Rev. 0 | Page 27 of 32
EVALUATION BOARD
An evaluation board is available for the ADL5802. The standard evaluation board is fabricated using Rogers® RO3003 material. Each of
the RF, LO, and IF ports is configured for single-ended signaling via a balun transformer. The schematic for the evaluation board is shown
in Figure 73. Table 5 describes the various configuration options for the evaluation board. Layout for the board is shown in Figure 74 and
Figure 75.
GND
ENBL
LOIP LOIN
VPOS
GND
OP2+
RF1–
GND
RF1+
VPOS
OP1+
OP1–
GND
VPOS
14
21
22
23
24
5
ADL5802
GND
1
2
RF2–
GND
19
20
GND
GND VSET
GND
RF2+
OP2–
12
11
10
9
8
7
6
15
16
17
18
LON
ENBL1
VPOS
C11
C8
R19
C13
C14
T5
T3
C5
C12
R14
C15
T2
R2
R13
R12
R20
R22
R23
R9
R11
R1
C7
C10
R6
RF1
IF1P
R16
R15
R10
R21
R3
C9
C16
T4
C6
R7
IF2N
IF2P
RF2
VPOS
GND
VPOS1
IF1N
VPOS
3
4
VPOS
C1
L1
L2
C4
VPOS
VPOS
VPOS
T1
LO
LOP
C3
C2
R5
R4
VSET
C18
L4
L3
C17
VPOS
13
Figure 73. Evaluation Board Schematic
Table 5. Evaluation Board Configuration
Components
Function
Default Conditions
C1, C4, C6, C7, C8, C9,
C10, C11, C17, C18,
R10, R12, R19, R20,
R21
Power supply decoupling. Nominal supply decoupling
consists of a 0.01 µF capacitor to ground in parallel with 10
pF capacitors to ground, positioned as close to the device
as possible. Series resistors are provided for enhanced
supply decoupling using optional ferrite chip inductors.
C6, C7, C8 = 10 pF (size 0402)
C9, C10, C11 = 0.01 µF (size 0402)
C1, C4, C17, C18 = open (size 0402)
R10, R12, R19, R20, R21 = 0 Ω (size 0402)
C5, C12, C13, C14, T3,
T5, RF1, RF2
RF Channel 1 and RF Channel 2 input interfaces. Input
channels are ac-coupled through C5, C12, C13, and C14. T3
and T4 are 1:1 baluns used to interface to the 50 Ω
differential inputs.
C5, C12, C13, C14 = 100 pF (size 0402)
T3, T5 = TC1-1-13M+ (Mini-Circuits)
C15, C16, L1, L2, L3,
L4, R2, R3, R6, R7,
R13, R14, R15, R16,
R20, R21, T2, T4, IF1,
IF2
IF Channel 1 and IF Channel 2 output interfaces. The 200 Ω
open-collector IF output interfaces are biased through the
center taps of T2 and T4 4:1 impedance transformers. C15
and C16 provide local bypassing with R20 and R21 available
for additional supply bypassing. R6, R7, R13, R14, R15, and
R16 are provided for IF filtering and matching options.
C15, C16 = 100 pF (size 0402)
L1, L2, L3, L4 = open (size 0805)
R2, R3, R13, R14, R15, R16, R20, R21 = 0 Ω (size 0402)
R6, R7 = open (size 0402)
T2, T4 = TC4-1W+ (Mini-Circuits)
C2, C3, R4, R5, T1, LO
LO interface. C2 and C3 provide ac coupling for the local
oscillator input. T1 is a 1:1 balun to allow single-ended
interfacing to the differential 50 Ω local oscillator input.
C2, C3 = 1 nF (size 0402)
R4, R5 = open (size 0402)
T1 = TC1-1-13M+ (Mini-Circuits)
R1, R9, R11, ENBL1
Enable interface. The ADL5802 can be disabled using the 3-
pin ENBL1 header. The ENBL pin is pulled up to VPOS
through R9. R1 is provided as an optional termination for
the high impedance enable interface. If desired, the ENBL
pin can be driven by an external source through the ENBL
SMA connector.
R9 = 10 kΩ (size 0402); R1, R11 = open (size 0402)
Or R1 = 10 kΩ (size 0402);R9, R11 = open (size 0402)
Or R11 = 10 kΩ (size 0402); R1, R9 = open (size 0402)
ENBL1 = 3-pin header and shunt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com