Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADL5802
Rev. 0 | Page 13 of 32
8
9
10
11
12
13
14
15
1900
2100
2300
2500
2700
2900
3100
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 34. Input P1dB vs. RF Frequency
0
2
4
6
8
10
12
14
16
18
20
1800
2000
2200
2400
2600
2800
3000
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 35. SSB Noise Figure vs. RF Frequency
0
5
10
15
20
25
30
–60
–50
–40
–30
–20
–10
0
10
BLOCKER LEVEL (dBm)
NF, RF 2145MHz,
IF 230MHz, BLOCKER 2140MHz
Figure 36. SSB Noise Figure vs. Blocker Level
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1900
2100
2300
2500
2700
2900
3100
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 37. LO to IF Leakage vs. LO Frequency
–40
–39
–38
–37
–36
–35
–34
–33
–32
–31
–30
1900
2100
2300
2500
2700
2900
3100
LO FREQUENCY (MHz)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 38. LO to RF Leakage vs. LO Frequency
–35
–33
–31
–29
–27
–25
–23
–21
1900
2100
2300
2500
2700
2900
3100
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 39. RF to IF Output Isolation vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com