Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADL5802
Rev. 0 | Page 16 of 32
8
9
10
11
12
13
14
15
2900
3100
3300
3500
3700
3900
4100
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 47. Input P1dB vs. RF Frequency
0
2
4
6
8
10
12
14
16
18
20
2700
2900
3100
3300
3500
3700
3900
4100
4300
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 48. SSB Noise Figure vs. RF Frequency
0
5
10
15
20
30
45
25
40
35
–60
–50
–40
–30
–20
–10
0
10
BLOCKER LEVEL (dBm)
NF, RF 3805MHz,
IF 300MHz, BLOCKER 3800MHz
Figure 49. SSB Noise Figure vs. Blocker Level
–50
–45
–40
–35
–30
–25
–20
2900
3100
3300
3500
3700
3900
4100
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 50. LO to IF Leakage vs. LO Frequency
–40
–38
–36
–34
–32
–30
–28
–26
–24
–22
–20
2900
3100
3300
3500
3700
3900
4100
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 51. LO to RF Leakage vs. LO Frequency
–50
–45
–40
–35
–30
–25
–20
–15
–10
2900
3100
3300
3500
3700
3900
4100
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 52. RF to IF Output Isolation vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com